Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

87C196 Datasheet(PDF) 2 Page - Intel Corporation

No. de pieza 87C196
Descripción Electrónicos  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

87C196 Datasheet(HTML) 2 Page - Intel Corporation

  87C196 Datasheet HTML 1Page - Intel Corporation 87C196 Datasheet HTML 2Page - Intel Corporation 87C196 Datasheet HTML 3Page - Intel Corporation 87C196 Datasheet HTML 4Page - Intel Corporation 87C196 Datasheet HTML 5Page - Intel Corporation 87C196 Datasheet HTML 6Page - Intel Corporation 87C196 Datasheet HTML 7Page - Intel Corporation 87C196 Datasheet HTML 8Page - Intel Corporation 87C196 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AUTOMOTIVE 87C196KD
272168 – 1
Figure 1 87C196KD Block Diagram
272168 – 2
Figure 2 The 87C196KD Family Nomenclature
87C196KD Enhanced Feature Set over the 87C196KC
1 The 87C196KD has twice the RAM and twice the EPROM of the 87C196KC
2 The vertical windowing scheme has been extended to allow all 1000 bytes of register RAM to be windowed
into the lower register file
3 A CLKOUT disable bit has been added to the IOC3 SFR This can be used to reduce noise in systems not
requiring the CLKOUT signal
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21