Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS87196CB Datasheet(PDF) 10 Page - Intel Corporation

No. de pieza AS87196CB
Descripción Electrónicos  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

AS87196CB Datasheet(HTML) 10 Page - Intel Corporation

Back Button AS87196CB Datasheet HTML 6Page - Intel Corporation AS87196CB Datasheet HTML 7Page - Intel Corporation AS87196CB Datasheet HTML 8Page - Intel Corporation AS87196CB Datasheet HTML 9Page - Intel Corporation AS87196CB Datasheet HTML 10Page - Intel Corporation AS87196CB Datasheet HTML 11Page - Intel Corporation AS87196CB Datasheet HTML 12Page - Intel Corporation AS87196CB Datasheet HTML 13Page - Intel Corporation AS87196CB Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
87C196CA87C196CB
87C196CB Memory Map
Address
Description
FFFFFFH
Program Memory - Internal EPROM or External Memory
FF2080H
(Determined by EA
Pin)
FF207FH
Special Purpose Memory (Internal EPROM or External Memory)
FF2000H
(Determined by EA
Pin)
FF1FFFH
External Memory
FF0600H
FF05FFH
Internal RAM (Identically Mapped into 00400H – 005FFH)
FF0400H
FF03FFH
External Memory
FF0100H
FF00FFH
Reserved for ICE
FF0000H
FEFFFFH
Overlayed Memory (External)Accesses into Memory Ranges 0F0000H to FEFFFFH will
Overlay Page 15 (0FH) for CB QFP packageExternal Memory (5)
0F0000H
0EFFFFH
900 Kbytes External Memory
010000H
00FFFFH
External Memory or Remapped OTPROM (Program Memory)(1)
002080H
00207FH
External Memory or Remapped OTPROM (Special Purpose Memory)(1 3)
002000H
001FFFH
Memory Mapped Special Function Registers (SFR’s)
001FE0H
001FDFH
Internal Peripheral Special Function Registers (SFR’s)(5)
001F00H
001EFFH
Internal CAN Peripheral Memory(5)
001E00H
001DFFH
Internal Register RAM
001C00H
001BFFH
External Memory
000600H
0005FFH
Internal RAM (Code RAM)
000400H
(Address with Indirect or Indexed Modes)
0003FFH
Register RAM – Upper Register File (Address with Indirect or Indexed Modes or through
Windows)(2)
000100H
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33