Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIIX3 Datasheet(PDF) 98 Page - Intel Corporation

No. de pieza PIIX3
Descripción Electrónicos  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 98 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 94Page - Intel Corporation PIIX3 Datasheet HTML 95Page - Intel Corporation PIIX3 Datasheet HTML 96Page - Intel Corporation PIIX3 Datasheet HTML 97Page - Intel Corporation PIIX3 Datasheet HTML 98Page - Intel Corporation PIIX3 Datasheet HTML 99Page - Intel Corporation PIIX3 Datasheet HTML 100Page - Intel Corporation PIIX3 Datasheet HTML 101Page - Intel Corporation PIIX3 Datasheet HTML 102Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
98
3.5.2.1.
Back-To-Back PIO IDE Transactions
IDE data port transaction latency consists of startup latency, cycle latency, and shutdown latency. Cycle
latency consists of the I/O strobe assertion length and recovery time. Recovery time is provided so that
transactions may occur back-to-back on the IDE interface (without incurring startup and shutdown latency)
without violating minimum cycle periods for the IDE interface.
Startup latency is incurred when a PCI master cycle targeting the IDE data port is decoded and the DA[2:0]
and CSxx# lines are not set up. Startup latency provides the setup time for the DA[2:0] and CSxx# lines with
respect to the read and write strobes (DIOR# and DIOW#).
Shutdown latency is incurred after outstanding scheduled IDE data port transactions (either a non-empty
write post buffer or an outstanding read prefetch cycles) have completed and before other transactions can
proceed. It provides hold time on the DA[2:0] and CSxx# lines with respect to the read and write strobes
(DIOR# and DIOW#).
Cycle latency is the latency incurred by each individual 16-bit IDE data port transfer, and consists of
command strobe width and recovery time. The command strobe assertion width is selected by the IDETIM
Register and may be set to 2, 3, 4, or 5 PCI clocks. The recovery time is selected by the IDETIM Register
and may be set to 1, 2, 3, or 4 PCI clocks.
For the PIIX3, the master drive (drive 1) and slave drive (drive 0) can be programmed to different command
strobe assertion widths and recovery times via the IDETIM and SIDETIM Registers.
If IORDY is asserted when the initial sample point is reached, no wait states are added. If IORDY is negated
when the initial sample point is reached, additional wait states are added. Since the rising edge of IORDY
must be synchronized, at least two additional PCI clocks are added.
NOTE
Bit 2 (16-bit I/O recovery enable) of the ISA Controller Recovery Timer Register does not add wait
states to IDE data port read accesses when any of the fast timing modes are enabled.
3.5.2.2.
IORDY Masking
The IORDY signal can be forced asserted on a drive by drive basis via the IDETIM Register.
3.5.2.3.
PIO 32 Bit IDE Data Port Mode
If the 32-bit IDE data port mode is enabled (via bit 4 and 0 of the IDETIM Register), 32-bit accesses to the
IDE data port address (default 01F0h primary, etc.) result in two back to back 16-bit transactions to IDEThe
32-bit data port feature is enabled for all timings, not just enhanced timing.
3.5.3.
BUS MASTER FUNCTION
The PIIX/PIIX3 can act as a PCI Bus master on behalf of an IDE slave device. Two PCI Bus master channels
are provided—one channel for each IDE connector (primary and secondary). By performing the IDE data
transfer as a PCI Bus master, the PIIX/PIIX3 off-loads the CPU and improves system performance in
multitasking environments.
Physical Region Descriptor Format
The physical memory region to be transferred is described by a Physical Region Descriptor (PRD). The PRDs
are stored in a table in memory. The data transfer proceeds until all regions described by the PRDs in the
table have been transferred. Note that the bus master IDE does not support memory for regions or PRDs on
ISA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com