Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIIX Datasheet(PDF) 108 Page - Intel Corporation

No. de pieza PIIX
Descripción Electrónicos  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 108 Page - Intel Corporation

Back Button PIIX Datasheet HTML 104Page - Intel Corporation PIIX Datasheet HTML 105Page - Intel Corporation PIIX Datasheet HTML 106Page - Intel Corporation PIIX Datasheet HTML 107Page - Intel Corporation PIIX Datasheet HTML 108Page - Intel Corporation PIIX Datasheet HTML 109Page - Intel Corporation PIIX Datasheet HTML 110Page - Intel Corporation PIIX Datasheet HTML 111Page - Intel Corporation PIIX Datasheet HTML 112Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
108
3.12.
Power Management
The PIIX/PIIX3 has extensive power management capability permitting a system to operate in a low power
state without being powered down. In a typical desktop personal computer there are two states — Power On
and Power-Off. Leaving a system powered on when not in use wastes power. The PIIX/PIIX3 provides a Fast
On/Off feature that creates a third state called Fast Off (Figure 10). When in the Fast Off state, the system
consumes less power than the Power-On state.
The PIIX's power management architecture is based on three functions—System Management Mode (SMM),
Clock Control, and Advanced Power Management (APM). Software (called SMM code) controls the
transitions between the Power On state and the Fast Off state. The PIIX/PIIX3 invokes this software by
generating an SMI to the CPU (asserting the SMI# signal). A variety of programmable events are provided
that can generate an SMI. The SMM code places the system in either the Power On state or the Fast Off
state.
A Fast On event is an event that instructs the computer (via an SMI to the CPU) to enter the Power-On state
in anticipation of system activity by the user. Fast On events are programmable and include moving the
mouse, pressing a key on the keyboard, an external hardware event, an incoming call to a system
FAX/Modem, a RTC alarm, or the operating system.
Fast Off
Power Switch
Turned On
Fast Off Event
(Timer Expires,
EXTSMI#,
RTC Alarm,
APM Call)
Power Switch
Turned Off
Fast On Event
(Mouse, Keyboard,
ComPort Activity,
EXTSMI#, RTC Alarm,
APM Call)
Power Switch
Turned Off
Power
On
Power
Off
051905_3.drw
051905
Figure 10. Fast On/Off Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com