Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIIX Datasheet(PDF) 88 Page - Intel Corporation

No. de pieza PIIX
Descripción Electrónicos  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 88 Page - Intel Corporation

Back Button PIIX Datasheet HTML 84Page - Intel Corporation PIIX Datasheet HTML 85Page - Intel Corporation PIIX Datasheet HTML 86Page - Intel Corporation PIIX Datasheet HTML 87Page - Intel Corporation PIIX Datasheet HTML 88Page - Intel Corporation PIIX Datasheet HTML 89Page - Intel Corporation PIIX Datasheet HTML 90Page - Intel Corporation PIIX Datasheet HTML 91Page - Intel Corporation PIIX Datasheet HTML 92Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
88
Table 10. Behavior During Resume When Host Not In Global Suspend State
Adjacent Port Response
Port Status and
Signaling Type
Signaled Port Response
Enabled Port
Disabled
Port
Suspended
Port
Port disabled and connect
received
PORTSC Connect Status and
Connect Status Change bits are
set.
No Effect
No Effect
No Effect
Table 11. Behavior During Resume when Host is in Global Suspend State
Adjacent Port Response
Port Status and
Signaling Type
Signaled Port Response
Enabled
Port
Disabled
Port
Suspended
Port
Port enabled, Resume
K-State received
Resume reflected downstream on
signaled port. Resume Detect
Status bit in USBSTS Reg is set.
Signal
resume
downstream
No Effect
No Effect
Port disabled, resume
K-State received
No Effect
No Effect
No Effect
No Effect
Port suspended, Resume
K-State received
Resume signal reflected
downstream on signaled port.
Resume Detect status bit in
PORTSC and USBSTS Regs are
set.
Signal
resume
downstream
No Effect
No Effect
Port enabled, disabled or
suspended and
disconnect received
Resume Detect status bit in
USBSTS Reg is set. PORTSC
Connect and Enable status bits
are cleared and Connect Change
and Enable/Disable Change bits
are set.
Signal
resume
downstream
No Effect
No Effect
Port disabled and connect
received
Resume Detect status bit in
USBSTS Reg is set. PORTSC
Connect status bit and Connect
Change status bit are set.
Signal
resume
downstream
No Effect
No Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com