Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FC80960HD32SL2GL Datasheet(PDF) 47 Page - Intel Corporation

No. de pieza FC80960HD32SL2GL
Descripción Electrónicos  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HD32SL2GL Datasheet(HTML) 47 Page - Intel Corporation

Back Button FC80960HD32SL2GL Datasheet HTML 43Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 44Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 45Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 46Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 47Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 48Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 49Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 50Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
41
Figure 17. TCK Waveform
Figure 18. Input Setup and Hold Waveforms for TBSIS1 and TBSIH1
2.0 V
1.5 V
0.8 V
TBSCF
TBSCH
TBSCL
TBSC
TBSCR
TCLK
Inputs:
TMS
1.5 V
1.5 V
1.5 V
TDI
1.5 V
1.5 V
Valid
TBSIS1
TBSIH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More