| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
80960CF-40 Datasheet(PDF) 49 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960CF-40 Datasheet(HTML) 49 Page - Intel Corporation |
|
49 / 77 page ![]() A 80960CF-40, -33, -25, -16 PRELIMINARY 43 Table 19. Reset Conditions Pins State During Reset (HOLDA inactive) A31:2 Floating D31:0 Floating BE3:0 Driven high (Inactive) W/R Driven low (Read) ADS Driven high (Inactive) WAIT Driven high (Inactive) BLAST Driven low (Active) DT/R Driven low (Receive) DEN Driven high (Inactive) LOCK Driven high (Inactive) BREQ Driven low (Inactive) D/C Floating DMA Floating SUP Floating FAIL Driven low (Active) DACK3:0 Driven high (Inactive) EOP3:0/TC3:0 Floating (Set to input mode) Table 20. Hold Acknowledge and Backoff Conditions Pins State During HOLDA A31:2 Floating D31:0 Floating BE3:0 Floating W/R Floating ADS Floating WAIT Floating BLAST Floating DT/R Floating DEN Floating LOCK Floating BREQ Driven (High or low) D/C Floating DMA Floating SUP Floating FAIL Driven high (Inactive) DACK3:0 Driven high (Inactive) EOP3:0/TC3:0 Driven (If output) |