| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ICS94209 Datasheet(PDF) 4 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS94209 Datasheet(HTML) 4 Page - Integrated Circuit Systems |
|
4 / 19 page ![]() 4 ICS94209 Third party brands and names are the property of their respective owners. Byte 1: CPU, Active/Inactive Register (1= enable, 0 = disable) Byte 2: PCI, Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 d e v r e s e R 6 t i B- 1 d e v r e s e R 5 t i B3 11 4 K L C I C P 4 t i B2 11 3 K L C I C P 3 t i B1 11 2 K L C I C P 2 t i B0 11 1 K L C I C P 1 t i B9 1 0 K L C I C P 0 t i B8 1 F _ K L C I C P Notes: 1. Inactive means outputs are held LOW and are disabled from switching. 2. Latched Frequency Selects (FS#) will be inverted logic load of the input frequency select pin conditions. T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 d e v r e s e R 6 t i B1 21 z H M 8 4 _ 4 2 5 t i B0 21 z H M 8 4 4 t i B6 21 2 1 M A R D S 3 t i B7 21 1 1 M A R D S 2 t i B8 21 0 1 M A R D S 1 t i B0 31 9 M A R D S 0 t i B1 31 8 M A R D S Byte 4: SDRAM , Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- X ) k c a b d a e R ( 3 S F 6 t i B- X ) k c a b d a e R ( 2 S F 5 t i B- X ) k c a b d a e R ( 1 S F 4 t i B- X ) k c a b d a e R ( 0 S F 3 t i B3 1 0 F E R 2 t i B2 1 1 F E R 1 t i B7 11 1 K L C P G A 0 t i B6 11 0 K L C P G A Byte 5: AGP, Active/Inactive Register (1= enable, 0 = disable) Byte 3: SDRAM, Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B3 31 7 M A R D S 6 t i B4 31 6 M A R D S 5 t i B6 31 5 M A R D S 4 t i B7 31 4 M A R D S 3 t i B8 31 3 M A R D S 2 t i B0 41 2 M A R D S 1 t i B1 41 1 M A R D S 0 t i B2 41 0 M A R D S T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 8 4 _ 4 2 l e S ) z H M 8 4 : 0 , z H M 4 2 : 1 ( 6 t i B- 1 d e v r e s e R 5 t i B- 1 d e v r e s e R 4 t i B- 1 d e v r e s e R 3 t i B7 41 0 K L C U P C 2 t i B6 41 1 K L C U P C 1 t i B5 41 2 K L C U P C 0 t i B- 1 d e v r e s e R |