Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC670DB Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74HC670DB
Descripción Electrónicos  4 x 4 register file 3-state
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC670DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC670DB Datasheet HTML 1Page - NXP Semiconductors 74HC670DB Datasheet HTML 2Page - NXP Semiconductors 74HC670DB Datasheet HTML 3Page - NXP Semiconductors 74HC670DB Datasheet HTML 4Page - NXP Semiconductors 74HC670DB Datasheet HTML 5Page - NXP Semiconductors 74HC670DB Datasheet HTML 6Page - NXP Semiconductors 74HC670DB Datasheet HTML 7Page - NXP Semiconductors 74HC670DB Datasheet HTML 8Page - NXP Semiconductors 74HC670DB Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
December 1990
2
Philips Semiconductors
Product specification
4 x 4 register file; 3-state
74HC/HCT670
FEATURES
• Simultaneous and independent read and write
operations
• Expandable to almost any word size and bit length
• Output capability: bus driver
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT670 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT670 are 16-bit 3-state register files
organized as 4 words of 4 bits each. Separated read and
write address inputs (RA, RB and WA,WB) and enable
inputs (RE and WE) are available, permitting simultaneous
writing into one word location and reading from another
location. The 4-bit word to be stored is presented to four
data inputs (D0 to D3). The WA and WB inputs determine
the location of the stored word. When the WE input is
LOW, the data is entered into the addressed location. The
addressed location remains transparent to the data while
the WE input is LOW. Data supplied at the inputs will be
read out in true (non-inverting) form from the 3-state
outputs (Q0 to Q3). Dn and Wn inputs are inhibited when
WE is HIGH.
Direct acquisition of data stored in any of the four registers
is made possible by individual read address inputs
(RA and RB). The addressed word appears at the four
outputs when the RE is LOW. Data outputs are in the high
impedance OFF-state when RE is HIGH. This permits
outputs to be tied together to increase the word capacity to
very large numbers.
Design of the read enable signals for the stacked devices
must ensure that there is no overlap in the LOW levels
which would cause more than one output to be active at
the same time. Parallel expansion to generate n-bit words
is accomplished by driving the enable and address inputs
of each device in parallel.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo)
where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC;
for HCT the condition is VI = GND to VCC −1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay Dn to Qn
CL = 15 pF; VCC = 5 V
23
23
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per package
notes 1 and 2
122
124
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com