| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GMS90C32 Datasheet(PDF) 49 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS90C32 Datasheet(HTML) 49 Page - Hynix Semiconductor |
|
49 / 59 page ![]() GMS90 Series Oct. 2000 Ver 3.1a 45 OSCILLATOR CIRCUIT Figure 10. Recommended Oscillator Circuits Oscillation circuit is designed to be used either with a ceramic resonator or crystal oscillator. Since each crystal and ceramic resonator have their own characteristics, the user should consult the crystal manufacturer for ap- propriate values of external components. XTAL2 P-LCC-44/Pin 20 P-DIP-40/Pin 18 M-QFP-44/Pin 14 XTAL1 P-LCC-44/Pin 21 P-DIP-40/Pin 19 M-QFP-44/Pin 15 CRYSTAL OSCILLATOR MODE DRIVING FROM EXTERNAL SOURCE XTAL2 P-LCC-44/Pin 20 P-DIP-40/Pin 18 M-QFP-44/Pin 14 XTAL1 P-LCC-44/Pin 21 P-DIP-40/Pin 19 M-QFP-44/Pin 15 External Oscillator Signal N.C. C2 C1 C1, C2 = 30pF ±10pF for Crystals For Ceramic Resonators, contact resonator manufacturer. |