Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GB20SHT12-CAL Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

No. de pieza GB20SHT12-CAL
Descripción Electrónicos  Silicon Carbide Power Schottky Diode Chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENESIC [GeneSiC Semiconductor, Inc.]
Página de inicio  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GB20SHT12-CAL Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  GB20SHT12-CAL Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GB20SHT12-CAL Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GB20SHT12-CAL Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
Electrical Datasheet*
GB20SHT12-CAL
April 2012
http://www.genesicsemi.com/index.php/hit-sic/baredie
Page 1 of 2
 
 
Silicon Carbide Power
Schottky Diode Chip
Features
 1200 V Schottky rectifier
 250 °C maximum operating temperature
 Temperature independent switching behavior
 Superior surge current capability
 Positive temperature coefficient of VF
 Extremely fast switching speeds
 Superior figure of merit QC/IF
Maximum Ratings at Tj = 250 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
Repetitive peak reverse voltage
VRRM
1200
V
Continuous forward current
IF
TC ≤ 205 °C
20
A
RMS forward current
IF(RMS)
TC ≤ 205 °C
35
A
Operating and storage temperature
Tj , Tstg
-55 to 250
°C
Electrical Characteristics at Tj = 250 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Diode forward voltage
VF
IF = 20 A, Tj = 25 °C
2.2
V
IF = 20 A, Tj = 210 °C
3.5
Reverse current
IR
VR = 1200 V, Tj = 25 °C
1.2
20
µA
VR = 1200 V, Tj = 250 °C
56
300
Total capacitive charge
QC
IF ≤ IF,MAX
dIF/dt = 200 A/μs
Tj = 210 °C
VR = 400 V
58
nC
VR = 960 V
95
Switching time
ts
VR = 400 V
< 49
ns
VR = 960 V
Total capacitance
C
VR = 1 V, f = 1 MHz, Tj = 25 °C
884
pF
VR = 400 V, f = 1 MHz, Tj = 25 °C
79
VR = 1000 V, f = 1 MHz, Tj = 25 °C
63
Thermal Characteristics
Thermal resistance, junction - case
RthJC
Assuming TO-276 package
0.49
°C/W
*For chip size and metallization, please refer to the mechanical datasheet (must have a non-disclosure agreement with GeneSiC
Semiconductor).
 
 
 
 
 


Número de pieza similar - GB20SHT12-CAL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GeneSiC Semiconductor, ...
GB20SHT12-CAL GENESIC-GB20SHT12-CAL_15 Datasheet
293Kb / 5P
High Temperature Silicon Carbide Power Schottky Diode
More results

Descripción similar - GB20SHT12-CAL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GeneSiC Semiconductor, ...
GAP3SHT33-CAL GENESIC-GAP3SHT33-CAL Datasheet
410Kb / 5P
Silicon Carbide Power Schottky Diode Chip
GAP05SLT80-CAL GENESIC-GAP05SLT80-CAL Datasheet
184Kb / 3P
Silicon Carbide Power Schottky Diode Chip
GB01SHT06-CAL GENESIC-GB01SHT06-CAL Datasheet
212Kb / 3P
Silicon Carbide Power Schottky Diode Chip
GB01SHT06-CAU GENESIC-GB01SHT06-CAU Datasheet
212Kb / 3P
Silicon Carbide Power Schottky Diode Chip
GB01SHT12-CAL GENESIC-GB01SHT12-CAL Datasheet
211Kb / 3P
Silicon Carbide Power Schottky Diode Chip
GB05SHT06-CAL GENESIC-GB05SHT06-CAL Datasheet
213Kb / 3P
Silicon Carbide Power Schottky Diode Chip
GB05SHT06-CAU GENESIC-GB05SHT06-CAU Datasheet
214Kb / 3P
Silicon Carbide Power Schottky Diode Chip
GB05SHT12-CAL GENESIC-GB05SHT12-CAL Datasheet
213Kb / 3P
Silicon Carbide Power Schottky Diode Chip
GB05SHT12-CAU GENESIC-GB05SHT12-CAU Datasheet
213Kb / 3P
Silicon Carbide Power Schottky Diode Chip
GB20SHT06-CAU GENESIC-GB20SHT06-CAU Datasheet
212Kb / 3P
Silicon Carbide Power Schottky Diode Chip
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com