| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S-1000A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
S-1000A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 7 page ![]() ■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request. COPAL ELECTRONICS ■ SWITCHES WITH KNOB AS EXTENDED SHAFT (Unit: mm) ■ Snap-in terminal pin with translucent knob with flange (Made to order basis) ● S-1200AK and S-2200AK 10 0.7 ※ Knob can’t be dettached due to being fixed. Simple knob can’t be sold. The large knob is common to S-1000A, S-2000A, SA-5000 and SS-10 series. ■PACKAGING SPECIFICATIONS <Bulk pack specifications> ● The smallest unit of bulk pack in a plastic bag is 10 pcs. per pack. Orders will be accepted for unit of minimum 10 pcs., i.e., 10, 20, 30 pcs. , etc. ● Boxing of bulk in a plastic bag is performed with 25 pcs. (standard 50 pcs.) per box. <Tray packaging specifications> ● Tray version is packaged in 50 pcs. per tyay. Orders will be accepted for units of 50 pcs., i. e., 50, 100, 150 pcs. etc. ● Tray version is boxed with 10 trays. S-1000A/2000A ROTARY CODED SWITCHES |