Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AT88SC0104CA Datasheet(PDF) 1 Page - ATMEL Corporation

No. de pieza AT88SC0104CA
Descripción Electrónicos  Atmel CryptoMemory Low Density Full Specification
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104CA Datasheet(HTML) 1 Page - ATMEL Corporation

  AT88SC0104CA_14 Datasheet HTML 1Page - ATMEL Corporation AT88SC0104CA_14 Datasheet HTML 2Page - ATMEL Corporation AT88SC0104CA_14 Datasheet HTML 3Page - ATMEL Corporation AT88SC0104CA_14 Datasheet HTML 4Page - ATMEL Corporation AT88SC0104CA_14 Datasheet HTML 5Page - ATMEL Corporation AT88SC0104CA_14 Datasheet HTML 6Page - ATMEL Corporation AT88SC0104CA_14 Datasheet HTML 7Page - ATMEL Corporation AT88SC0104CA_14 Datasheet HTML 8Page - ATMEL Corporation AT88SC0104CA_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
AT88SC0104CA, AT88SC0404CA
AT88SC0204CA, AT88SC0808CA
Atmel CryptoMemory Low Density Full Specification
DATASHEET
Features
One of a Family of Devices with User Memories from 1-Kbit to 8-Kbit
EEPROM User Memory
Four or Eight Zones
Self-timed Write Cycles
Single Byte or Multiple Byte Page Write Modes
Programmable Access Rights for Each Zone
2-Kbit Configuration Zone
37-byte OTP Area for User-Defined Codes
160-byte Area for User-Defined Keys and Passwords
High Security Features
64-bit Mutual Authentication Protocol (Under License of ELVA)
Cryptographic Message Authentication Codes (MAC)
Stream Encryption
Four Key Sets for Authentication and Encryption
Eight Sets of Two 24-bit Passwords
Anti-tearing Function
Voltage and Frequency Monitor
Embedded Application Features
Low-voltage Supply: 2.7V to 3.6V
Secure Nonvolatile Storage for Sensitive System or User Information
2-Wire Serial Interface (TWI, 5V Compatible)
1MHz Compatibility for Fast Operation
Standard 8-lead Plastic Packages, Green Compliant (Exceeds RoHS)
Same Pinout as 2-wire Serial EEPROMs
Smart Card Features
ISO 7816 Class B (3V) Operation
ISO 7816-3 Asynchronous T = 0 Protocol (Gemplus® Patent)
Multiple Zones, Key Sets, and Passwords for Multi-Application Use
Synchronous 2-Wire Serial Interface for Faster Device Initialization
Programmable 8-byte Answer-To-Reset (ATR) Register
ISO 7816-2 Compliant Modules
High Reliability
Endurance: 100,000 Cycles
Data Retention: 10 Years
ESD Protection: 2,000V
Atmel-8664F-CryptoMem-Low-Density-Full-Specification-Datasheet_022014


Número de pieza similar - AT88SC0104CA_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
Atmel CryptoMemory
More results

Descripción similar - AT88SC0104CA_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT88SC0104CA ATMEL-AT88SC0104CA_11 Datasheet
664Kb / 66P
Atmel CryptoMemory Specification Datasheet
AT88SC0204CA ATMEL-AT88SC0204CA_11 Datasheet
307Kb / 23P
Atmel CryptoMemory
AT88SC0104CA-SH ATMEL-AT88SC0104CA-SH Datasheet
664Kb / 66P
Atmel CryptoMemory Specification Datasheet
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
Atmel CryptoMemory
AT88SC0204C ATMEL-AT88SC0204C_14 Datasheet
1Mb / 79P
Atmel CryptoMemory Full Specification
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
902Kb / 71P
Atmel CryptoMemory Low Density Full Specification
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
902Kb / 71P
Atmel CryptoMemory Low Density Full Specification
AT88SC0808CA ATMEL-AT88SC0808CA_14 Datasheet
902Kb / 71P
Atmel CryptoMemory Low Density Full Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com