Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AT91SAM Datasheet(PDF) 11 Page - ATMEL Corporation

No. de pieza AT91SAM
Descripción Electrónicos  High-performance 32-bit RISC Architecture
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT91SAM_14 Datasheet HTML 7Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 8Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 9Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 10Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 11Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 12Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 13Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 14Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
11
SAM7S Series [DATASHEET]
6175KS–ATARM–25-Oct-12
4.3
48-lead LQFP and 48-pad QFN Package Outlines
Figure 4-3 and Figure 4-4 show the orientation of the 48-lead LQFP and the 48-pad QFN package. A detailed
mechanical description is given in the section Mechanical Characteristics of the full datasheet.
Figure 4-3. 48-lead LQFP Package (Top View)
Figure 4-4. 48-pad QFN Package (Top View)
4.4
48-lead LQFP and 48-pad QFN Pinout
Note:
1. The bottom pad of the QFN package must be connected to ground.
112
13
24
25
36
37
48
25
36
12
1
37
48
24
13
Table 4-2.
SAM7S32/16 Pinout(1)
1
ADVREF
13
VDDIO
25
TDI
37
TDO
2
GND
14
PA16/PGMD4
26
PA6/PGMNOE
38
JTAGSEL
3
AD4
15
PA15/PGMD3
27
PA5/PGMRDY
39
TMS
4
AD5
16
PA14/PGMD2
28
PA4/PGMNCMD
40
TCK
5
AD6
17
PA13/PGMD1
29
NRST
41
VDDCORE
6
AD7
18
VDDCORE
30
TST
42
ERASE
7
VDDIN
19
PA12/PGMD0
31
PA3
43
VDDFLASH
8
VDDOUT
20
PA11/PGMM3
32
PA2/PGMEN2
44
GND
9
PA17/PGMD5/AD0
21
PA10/PGMM2
33
VDDIO
45
XOUT
10
PA18/PGMD6/AD1
22
PA9/PGMM1
34
GND
46
XIN/PGMCK
11
PA19/PGMD7/AD2
23
PA8/PGMM0
35
PA1/PGMEN1
47
PLLRC
12
PA20/AD3
24
PA7/PGMNVALID
36
PA0/PGMEN0
48
VDDPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50