| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PCSDR124-R82T-RC Datasheet(PDF) 1 Page - Allied Components International |
|
|
|||||||||||||||||||||||||||||
PCSDR124-R82T-RC Datasheet(HTML) 1 Page - Allied Components International |
|
|
1 / 1 page ![]() Power Chip Shielded Inductors PCSDR124 15 Features • Magnetically Shielded • Expanded operating temp range • Low DC Resistance • High Energy Storage Electrical Test Equipment Physical Packaging: 600 pieces per 13 inch reel. DCR (Ω) I sat Allied Part Number Inductance ( µh) T olerance (%) T est Freq. PCSDR124-R47T-RC PCSDR124-1R5T-RC PCSDR124-2R2T-RC PCSDR124-3R3T-RC PCSDR124-3R9T-RC PCSDR124-6R8T-RC PCSDR124-100M-RC PCSDR124-120M-RC PCSDR124-150M-RC PCSDR124-180M-RC PCSDR124-220M-RC PCSDR124-270M-RC PCSDR124-330M-RC PCSDR124-390M-RC 0.47 1.5 2.2 3.3 3.9 6.8 10 12 15 18 22 27 33 39 30 30 30 30 30 30 20 20 20 20 20 20 20 20 100 100 100 100 100 100 100 100 100 100 100 100 100 100 0.0022 0.0055 0.0070 0.0100 0.0149 0.0220 0.0307 0.4110 0.0437 0.0554 0.0642 0.0761 0.0911 0.1209 30.800 17.100 14.000 11.800 10.300 8.110 6.700 5.700 5.310 4.670 4.400 3.950 3.580 3.280 ALLIED COMPONENTS INTERNATIONAL 714-665-1140 www.alliedcomponents.com RoHS PCSDR124-4R7T-RC 4.7 30 100 0.0160 9.060 PCSDR124-7R6T-RC 7.6 30 100 0.0250 7.330 (A) PCSDR124-560M-RC PCSDR124-680M-RC PCSDR124-820M-RC PCSDR124-101M-RC 56 68 82 100 20 20 20 20 100 100 100 100 0.1709 0.2220 0.2484 0.3276 2.700 2.440 2.230 2.000 PCSDR124-470M-RC 47 20 100 0.1458 3.020 PCSDR124-121M-RC PCSDR124-151M-RC 120 150 20 20 100 100 0.3790 0.4308 1.810 1.630 PCSDR124-221M-RC PCSDR124-271M-RC 220 270 20 20 100 100 0.6492 0.9540 1.360 1.230 PCSDR124-181M-RC 180 20 100 0.6103 1.500 PCSDR124-331M-RC 330 20 100 1.0000 1.110 • High saturation current Inductance Range: .47µh to 1200µh Tolerance: .47µh~7.6µh 30%, Test Frequency: 100KHz, 0.1V Operating Temp: -55ºC ~ +125ºC Irms: Current at which the Resistance to Soldering Heat Pre-Heat 150ºC, 1 Min. Solder Composition: Sn/Ag3.0/Cu0.5 Solder Temp: 260ºC +/- 5ºC Immersion time: 10 sec. +/- 1 sec. (L): HP 4284A LCR meter or equivalent (RDC): HP 4338B Millohm meter or equivalent (IDC): 3260B WK & DC Bias 3265B WK Marking: EIA Inductance Code. REVISED 8/7/09 Dimensions: Inches (mm) KHz, 0.1V All specifications subject to change without notice. Available in tighter tolerances I rms (A) PCSDR124-391M-RC 390 20 100 1.3420 1.050 PCSDR124-471M-RC 470 20 100 1.4640 0.940 PCSDR124-561M-RC 560 20 100 1.8230 0.860 PCSDR124-681M-RC 680 20 100 2.1840 0.770 PCSDR124-821M-RC 820 20 100 2.4480 0.700 PCSDR124-102M-RC 1000 20 100 3.2280 0.650 PCSDR124-122M-RC 1200 20 100 5.0770 0.600 PCSDR124-R82T-RC 0.82 30 100 0.0037 22.000 15.377 12.114 9.619 8.566 7.161 5.859 5.657 4.823 4.523 4.077 3.538 3.419 3.035 2.820 2.591 2.368 2.056 1.872 1.729 1.517 1.434 1.249 1.161 1.089 0.915 0.887 0.732 0.714 0.617 0.591 0.529 0.484 0.457 0.398 0.317 • Low Energy Loss • Suitable for pick and place 10µh~1200µh 20% ∆ T=40ºC Isat: Current at which the inductance drops 35% from initial value 8 8 |
Número de pieza similar - PCSDR124-R82T-RC |
|
Descripción similar - PCSDR124-R82T-RC |