| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PCIS20-331M-RC Datasheet(PDF) 1 Page - Allied Components International |
|
|
|||||||||||||||||||||||||||||
PCIS20-331M-RC Datasheet(HTML) 1 Page - Allied Components International |
|
|
1 / 1 page ![]() Power Chip Shielded Inductors PCIS20 2nd 3rd 1st Features • Ultraminiature size for high mounting density. • Minimum power loss, can help • High energy storage and very low • Designed with high heat resistant • Flat top for pick and place assembly. • Wide inductance range. Electrical Inductance Range: 1.0 µh to 10,000µh. Tolerance: ±20% over the entire inductance range. Test Frequency: Inductance measured at 100KHz, 0.1 Vrms. Q measured at Operating Temp.Range: i-40 °C to +85ºC Inductance Drop: 10% typical at rated Isat. i t0 to 2000) x 10 -6 °C. Physical Marking: Color Code using standard EIA three dot system. Packaging: 2500 pieces per 13 inch reel. All specifications subject to change without notice. Allied Part Number PCIS20-1R0M-RC PCIS20-1R5M-RC PCIS20-2R2M-RC PCIS20-3R3M-RC PCIS20-4R7M-RC PCIS20-6R8M-RC PCIS20-100M-RC PCIS20-150M-RC PCIS20-220M-RC PCIS20-330M-RC PCIS20-470M-RC PCIS20-680M-RC PCIS20-101M-RC PCIS20-151M-RC PCIS20-221M-RC PCIS20-331M-RC PCIS20-471M-RC PCIS20-681M-RC PCIS20-102M-RC PCIS20-152M-RC PCIS20-222M-RC PCIS20-332M-RC PCIS20-682M-RC PCIS20-103M-RC Q Min. 30 30 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 50 50 50 50 50 .040 .045 .050 .060 .065 .070 .075 .090 0.11 0.19 0.23 0.29 0.48 0.59 0.77 1.40 1.80 2.20 3.40 4.20 8.50 11.0 25.0 32.8 DCR Max. (Ω) 3.0 2.8 1.8 1.6 1.4 1.2 1.0 .80 .70 .60 .50 .40 .30 .26 .22 .20 .19 .18 .15 1.0 1.0 .08 .04 .02 SR F Reference (MHz) 200 100 90 90 80 40 30 25 20 15 15 10 8.0 7.0 4.0 4.0 3.0 2.0 1.0 1.0 1.0 0.5 0.5 0.4 Inductance ( µh) 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 6800 10000 Q Test Frequency (KHz) 200 200 200 200 200 200 200 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 ALLIED COMPONENTS INTERNATIONAL 714-665-1140 www.alliedcomponents.com RoHS Dimensions: Inches (mm) 0.260 (6.60) MAX. 0.175 (4.45) MAX. 0.120 (3.05) 0.050 (1.27) 0.115 (2.92) MAX. 0.040 (1.02) 0.170 (4.32) 0.160 (4.06) 0.055 (1.40) 0.140 (3.56) Temperature Rise: T=30ºC rise typical ∆ at Irms. PCIS20-822M-RC 50 30.5 0.5 8200 100 Irms (A) • Magnetically Shielded achieve longer battery life. DCR. materials for reflow operation. 200KHz from 1.0µh to 10µh and 100KHz from 15µh to 10,000µh. REVISED 05/03/12 .069 (1.76) TYP. |
Número de pieza similar - PCIS20-331M-RC |
|
Descripción similar - PCIS20-331M-RC |