Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LET9120 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza LET9120
Descripción Electrónicos  RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9120 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LET9120 Datasheet HTML 3Page - STMicroelectronics LET9120 Datasheet HTML 4Page - STMicroelectronics LET9120 Datasheet HTML 5Page - STMicroelectronics LET9120 Datasheet HTML 6Page - STMicroelectronics LET9120 Datasheet HTML 7Page - STMicroelectronics LET9120 Datasheet HTML 8Page - STMicroelectronics LET9120 Datasheet HTML 9Page - STMicroelectronics LET9120 Datasheet HTML 10Page - STMicroelectronics LET9120 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LET9120
Package mechanical data
Doc ID 15509 Rev 5
9/11
Figure 7.
Package dimensions
Table 8.
M246 (0.230 x 0.650 WIDE 4/L BAL N/HERM W/FLG) mechanical data
Dim.
mm.
Inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5.33
5.59
0.210
0.220
B
6.48
6.73
0.255
0.265
C
17.27
18.29
0.680
0.720
D
5.72
5.97
0.225
0.235
E
22.86
.900
F
28.83
29.08
1.135
1.145
G
16.26
16.76
0.640
0.660
H
4.19
5.08
0.165
0.200
I
0.08
0.15
0.003
0.006
J
1.83
2.24
0.072
0.088
K
1.40
1.65
0.055
0.065
L
3.18
3.43
0.125
0.135
Controlling dimension: Inches
Ref. 7145054A



Html Pages

1 2 3 4 5 6 7 8 9 10 11