| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM20-R047K-RC Datasheet(PDF) 1 Page - Allied Components International |
|
|
|||||||||||||||||||||||||||||
AM20-R047K-RC Datasheet(HTML) 1 Page - Allied Components International |
|
1 / 2 page ![]() Axial Molded Inductors AM20 Electrical Inductance Range: .022 µh to 1000µh. Tolerance: 10% over entire range. Tighter tolerances available. Rated Current: Based on Inductance Drop <10ºC at rated current. Test Procedures: L and Q measured with HP4342A Q-Meter at specified Frequency. DCR measured on CH-301. SRF measured on HP-4191A, HP4291B. Dielectric Strength: 1000 Volts R.M.S. at sea level. Operating Temp.: -55 °C to +125°C. Physical Marking (on part): 5 Band Color Code per MIL-C-15305. Marking (on reel): Manufacturers Packaging (bulk): 1000 pieces per bag. Packaging (reel): 5000 pieces per reel. Allied Part Number Inductance ( µh) Tolerance (%) Q Min. Test Freq. (MHz) SRF Min. (MHz) DCR Max. ( Ω) Rated Current (mA) All specifications subject to change without notice. AM20-R10K-RC .10 10 40 25.0 680 .08 1350 AM20-R12K-RC .12 10 40 25.0 640 .09 1270 AM20-R15K-RC .15 10 38 25.0 600 .10 1200 AM20-R18K-RC .18 10 35 25.0 550 .12 1105 AM20-R22K-RC .22 10 33 25.0 510 .14 1025 AM20-R27K-RC .27 10 33 25.0 430 .16 960 AM20-R33K-RC .33 10 30 25.0 410 .22 815 AM20-R39K-RC .39 10 30 25.0 365 .30 700 AM20-R47K-RC .47 10 30 25.0 330 .35 650 AM20-R56K-RC .56 10 30 25.0 300 .50 545 AM20-R68K-RC .68 10 28 25.0 275 .60 495 AM20-R82K-RC .82 10 28 25.0 250 .85 415 AM20-1R0K-RC 1.0 10 25 25.0 230 1.0 385 AM20-1R2K-RC 1.2 10 25 7.9 150 .18 590 AM20-1R5K-RC 1.5 10 28 7.9 140 .22 535 AM20-1R8K-RC 1.8 10 30 7.9 125 .30 455 AM20-2R2K-RC 2.2 10 30 7.9 115 .40 395 AM20-2R7K-RC 2.7 10 37 7.9 100 .55 355 AM20-3R3K-RC 3.3 10 45 7.9 90 .85 270 AM20-3R9K-RC 3.9 10 45 7.9 80 1.0 250 AM20-4R7K-RC 4.7 10 45 7.9 75 1.2 230 AM20-5R6K-RC 5.6 10 50 7.9 65 1.8 185 AM20-6R8K-RC 6.8 10 50 7.9 60 2.0 175 AM20-8R2K-RC 8.2 10 55 7.9 55 2.7 155 AM20-100K-RC 10 10 55 7.9 50 3.7 130 AM20-120K-RC 12 10 45 2.5 40 2.7 155 AM20-150K-RC 15 10 40 2.5 35 2.8 150 AM20-180K-RC 18 10 50 2.5 30 3.1 145 AM20-220K-RC 22 10 50 2.5 25 3.3 140 AM20-270K-RC 27 10 50 2.5 20 3.5 135 AM20-330K-RC 33 10 45 2.5 24 3.4 130 AM20-390K-RC 39 10 45 2.5 22 3.6 125 AM20-470K-RC 47 10 45 2.5 20 4.5 110 AM20-560K-RC 56 10 45 2.5 18 5.7 100 AM20-680K-RC 68 10 50 2.5 15 6.7 92 AM20-820K-RC 82 10 50 2.5 14 7.3 88 AM20-101K-RC 100 10 50 2.5 13 8.0 84 AM20-121K-RC 120 10 30 .79 12 13.0 66 AM20-151K-RC 150 10 30 .79 11 15.0 61 AM20-181K-RC 180 10 30 .79 10 17.0 57 AM20-221K-RC 220 10 30 .79 9 21.0 52 RoHS ALLIED COMPONENTS INTERNATIONAL 714-665-1140 www.alliedcomponents.com 0.250±0.01 (6.35±0.25) 0.095±0.01 (2.41±0.25) 24 AWG nominal nominal Dimensions: Inches (mm) RoHS 1.15 (29) 1.15 (29) Name, Part Number, Customers Part Number, Invoice Number, Lot or Data Code. REVISED 10/20/10 For Tape and Reel packaging please add ”-TR” to the part number. PG 1 OF 2 Additional values on page 2 AM20-R022K-RC 10 50 50.0 900 0.025 2400 AM20-R027K-RC 0.027 10 40 25.0 875 0.030 2200 AM20-R033K-RC 0.033 10 40 25.0 850 0.035 2000 AM20-R039K-RC 0.039 10 40 25.0 825 0.040 AM20-R047K-RC 0.047 10 40 25.0 800 0.045 1800 AM20-R056K-RC 0.056 10 40 25.0 775 0.050 . 1700 AM20-R068K-RC 0.068 10 40 25.0 750 0.060 1500 AM20-R082K-RC 0.082 10 40 25.0 725 0.070 1400 0.022 1900 |
Número de pieza similar - AM20-R047K-RC |
|
Descripción similar - AM20-R047K-RC |