Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VP3203 Datasheet(PDF) 2 Page - Supertex, Inc

No. de pieza VP3203
Descripción Electrónicos  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUTEX [Supertex, Inc]
Página de inicio  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP3203 Datasheet(HTML) 2 Page - Supertex, Inc

  VP3203 Datasheet HTML 1Page - Supertex, Inc VP3203 Datasheet HTML 2Page - Supertex, Inc VP3203 Datasheet HTML 3Page - Supertex, Inc VP3203 Datasheet HTML 4Page - Supertex, Inc VP3203 Datasheet HTML 5Page - Supertex, Inc VP3203 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
VP3203
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Electrical Characteristics (T
A = 25
O
C unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units Conditions
BV
DSS
Drain-to-source breakdown voltage
-30
-
-
V
V
GS = 0V, ID = -10mA
V
GS(th)
Gate threshold voltage
-1.0
-
-3.5
V
V
GS = VDS, ID= -10mA
ΔV
GS(th)
Change in V
GS(th) with temperature
-
-
-5.5 mV/OC V
GS = VDS, ID= -10mA
I
GSS
Gate body leakage
-
-1.0
-100
nA
V
GS = ± 20V, VDS = 0V
I
DSS
Zero gate voltage drain current
-
-
-10
µA
V
GS = 0V, VDS = Max Rating
-
-
-1.0
mA
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125°C
I
D(ON)
On-state drain current
-
-14
-
A
V
GS = -10V, VDS = -5.0V
R
DS(ON)
Static drain-to-source on-state
resistance
TO-92
-
-
1.0
Ω
V
GS = -4.5V, ID = -1.5A
SOT-89
-
-
1.0
V
GS = -4.5V, ID = -750mA
TO-92
-
-
0.6
V
GS = -10V, ID = -3.0A
SOT-89
-
-
0.6
V
GS = -10V, ID = -1.5A
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
-
1.0
%/OC V
GS = -10V, ID = -1.5A
G
FS
Forward transductance
1000 2000
-
mmho V
DS = -25V, ID = -2.0A
C
ISS
Input capacitance
-
200
300
pF
V
GS = 0V,
V
DS = -25V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
100
120
C
RSS
Reverse transfer capacitance
-
45
60
t
d(ON)
Turn-on delay time
-
-
10
ns
V
DD = -25V,
I
D = -2.0A,
R
GEN = 10Ω
t
r
Rise time
-
-
15
t
d(OFF)
Turn-off delay time
-
-
25
t
f
Fall time
-
-
25
V
SD
Diode forward voltage drop
-
-
-1.6
V
V
GS = 0V, ISD = -1.5A
t
rr
Reverse recovery time
-
300
-
ns
V
GS = 0V, ISD = -1.0A
Notes:
All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
All A.C. parameters sample tested.
1.
2.
Thermal Characteristics
Package
I
D
(continuous)†
(mA)
I
D
(pulsed)
(A)
Power Dissipation
@T
A = 25
O
C
(W)
θ
jc
(OC/W)
θ
ja
(OC/W)
I
DR
†
(mA)
I
DRM
(A)
TO-92
-650
-4.0
0.74
125
170
-650
-4.0
TO-243AA (SOT-89)
-1100
-4.0
1.6‡
15
78‡
-1100
-4.0
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
VDD
RL
Output
D.U.T.
t(ON)
td(ON)
t(OFF)
td(OFF)
tF
tr
INPUT
INPUT
OUTPUT
0V
VDD
RGEN
0V
-10V
† I
D (continuous) is limited by max rated Tj.
‡ Mounted on FR5 board, 25mm x 25mm x 1.57mm.



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com