Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSFN3317 Datasheet(PDF) 3 Page - Silikron Semiconductor Co.,LTD.

No. de pieza SSFN3317
Descripción Electrónicos  High Power and current handing capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILIKRON [Silikron Semiconductor Co.,LTD.]
Página de inicio  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSFN3317 Datasheet(HTML) 3 Page - Silikron Semiconductor Co.,LTD.

  SSFN3317 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSFN3317 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSFN3317 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSFN3317 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSFN3317 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSFN3317
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
Figure 2:Switching Waveforms
Figure 1:Switching Test Circuit
Figure 3 Normalized Maximum Transient Thermal Impedance
Square Wave Pluse Duration(sec)
©Silikron Semiconductor CO.,LTD.
3
http://www.silikron.com
v1.0



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com