Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL1011A230A Datasheet(PDF) 1 Page - Littelfuse

No. de pieza SL1011A230A
Descripción Electrónicos  Gas Discharge Tube (GDT) Products
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1011A230A Datasheet(HTML) 1 Page - Littelfuse

  SL1011A230A Datasheet HTML 1Page - Littelfuse SL1011A230A Datasheet HTML 2Page - Littelfuse SL1011A230A Datasheet HTML 3Page - Littelfuse SL1011A230A Datasheet HTML 4Page - Littelfuse SL1011A230A Datasheet HTML 5Page - Littelfuse SL1011A230A Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2010 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
47
Revised: June 28, 2010
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1011A/B and SL1411A Series
SL1011A/B and SL1411A Series
Description
Features
• RoHS compliant
• Low insertion loss
• Excellent response to
fast rising transients
• Ultra low capacitance
• 5kA (SL1011A) or 10kA
(SL1011B & SL1411A)
surge capability tested
with 8/20μs
pulse as defined by
IEC 61000-4-5
Applications
• Broadband equipment
• ADSL equipment
• XDSL equipment
• Satellite and CATV
equipment
• General telecom
equipment
AGENCY
AGENCY FILE NUMBER
®
E128662
Agency Approvals
®
SL1011A/B and SL1411A Series
2 Electrode GDT Graphical Symbol
The SL1011A/B and SL1411A series provides high
levels of protection against fast rising transients
in the 100V/μs to 1kV/μs range usually caused by
lightning disturbances.
The SL1011A/B and SL1411A series offers low
capacitance (< 1.5pf) which provides low insertion
loss at high frequencies.
SL1011A offers 5kA protection without destruction
whereas the SL1011B and SL1411A offer 10kA surge
protection without destruction (maximum single
surge of 12kA @ 8/20μs).


Número de pieza similar - SL1011A230A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SL1011A230 LITTELFUSE-SL1011A230 Datasheet
177Kb / 3P
Gas Discharge Tubes - High Performance Beta Range
SL1011A230 LITTELFUSE-SL1011A230 Datasheet
420Kb / 6P
SL1011A/B and SL1411A Series
SL1011A230 LITTELFUSE-SL1011A230 Datasheet
684Kb / 6P
SL1011A/B and SL1411A Series
More results

Descripción similar - SL1011A230A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
Gas Discharge Tube (GDT) Products
SL1003A090R LITTELFUSE-SL1003A090R Datasheet
140Kb / 5P
Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com