Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R943-02 Datasheet(PDF) 3 Page - Hamamatsu Corporation

No. de pieza R943-02
Descripción Electrónicos  PHOTOMULTIPLIER TUBE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMAMATSU [Hamamatsu Corporation]
Página de inicio  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R943-02 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  R943-02 Datasheet HTML 1Page - Hamamatsu Corporation R943-02 Datasheet HTML 2Page - Hamamatsu Corporation R943-02 Datasheet HTML 3Page - Hamamatsu Corporation R943-02 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 2: Typical Single Photoelectron
Pulse Height Distribution
Figure 3: Typical Gain
Figure 4: Typical Time Response
Figure 6: Typical Dark Counts vs. Temperature
Figure 5: Typical Temperature Coefficient
of Quantum Efficiency
TPMHB0282EA
TPMHB0283EA
TPMHB0045EA
TPMHB0284EA
TPMHB0285EA
COOLING
As Figure 6 shows, the dark counts of the R943-02 decreases
by cooling the tube. Therefore, when performing photon count-
ing, it is recommended that the tube be cooled down to about
-20
°C. The cooler C4877 which features temperature control
from -30
°C to 0 °C is available from HAMAMATSU.
0
1024
512
CHANNEL NUMBER (CH)
0
0.2
0.4
0.6
0.8
1.0
SIGNAL+DARK
DARK
WAVELENGTH OF INCIDENT LIGHT
LOWER LEVEL DISCRIMINATION
SIGNAL+DARK COUNTS
DARK COUNTS
TEMPERATURE
: 800 nm
: 87 CH
: 5329 s-1
: 20 s-1
: -20
°C
500
1000
1500
2000
2500
102
CATHODE TO ANODE VOLTAGE (V)
103
104
105
106
107
108
500
1000
1500
2000
3000
101
SUPPLY VOLTAGE (V)
TRANSIT TIME
100
102
RISE TIME
WAVELENGTH (nm)
300
400
500
600
700
800
900
1000
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
TEMPERATURE RANGE: 10 to 40 (
°C)
-40
-30
-20
-10
0
10
20
100
101
102
103
104
105
TEMPERATURE (
°C)



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com