Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5108 Datasheet(PDF) 1 Page - Hamamatsu Corporation

No. de pieza R5108
Descripción Electrónicos  PHOTOMULTlPLlER TUBE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMAMATSU [Hamamatsu Corporation]
Página de inicio  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R5108 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R5108 Datasheet HTML 1Page - Hamamatsu Corporation R5108 Datasheet HTML 2Page - Hamamatsu Corporation R5108 Datasheet HTML 3Page - Hamamatsu Corporation R5108 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
28mm (1-1/8 Inch) Transmission Mode S–1 Photocathode, Side–on Type
GENERAL
FEATURES
Parameter
Description
Unit
Spectral Response
Wavelength of Maximum Response
400 to 1200
nm
nm
Photocathode
MateriaI
800
Structure
1.2
pF
Anode to Last Dynode
3.4
pF
Anode to All Other Electrodes
Minimum Effective Area
Ag–O–Cs
mm
Window Material
16(H)
18(W)
Dynode
Direct Interelectrode Capacitances
Base
Applicable Socket Assembly
Borosilicate glass
Circular-cage
Number of Stages
9
11-pin base
JEDEC No. B11-88
E717–21 (option)
SuitabIe Socket
E678–11A (option)
Wide Photocathode
Excellent Spatial Uniformity
Fast Time Response
APPLICATIONS
Near Infrared Spectrophotometer
Raman Spectrophotometer
Photo Luminescence Measurement
Figure 1: Electron Trajectories
PHOTOMULTlPLlER TUBE
R5108
TPMSC0003EB
LIGHT
PHOTOCATHODE
GLASS
BULB
FOCUSING
ELECTRODES
1st DYNODE
3rd DYNODE
2nd DYNODE
PHOTOELECTRONS
High Infrared Sensitivity
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. © 1994 Hamamatsu Photonics K.K.


Número de pieza similar - R5108

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RICOH electronics devic...
R5108G RICOH-R5108G Datasheet
458Kb / 13P
Microprocessor Supervisory Circuit
logo
Nisshinbo Micro Devices...
R5108G NISSHINBO-R5108G Datasheet
1Mb / 19P
Microprocessor Supervisory Circuit with SENSE pin
R5108G NISSHINBO-R5108G Datasheet
616Kb / 19P
Microprocessor Supervisory Circuit for Automotive Applications
R5108G NISSHINBO-R5108G Datasheet
1Mb / 19P
Microprocessor Supervisory Circuit with Inhibit pin
R5108G NISSHINBO-R5108G Datasheet
1Mb / 20P
Microprocessor Supervisory Circuit with Manual Reset
More results

Descripción similar - R5108

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hamamatsu Corporation
R1387 HAMAMATSU-R1387 Datasheet
21Kb / 2P
PHOTOMULTlPLlER TUBE
R2066 HAMAMATSU-R2066 Datasheet
21Kb / 2P
PHOTOMULTlPLlER TUBE
R2228 HAMAMATSU-R2228 Datasheet
22Kb / 2P
PHOTOMULTlPLlER TUBE
R2248 HAMAMATSU-R2248 Datasheet
18Kb / 2P
PHOTOMULTlPLlER TUBE
R2257 HAMAMATSU-R2257 Datasheet
25Kb / 2P
PHOTOMULTlPLlER TUBE
R3998-02 HAMAMATSU-R3998-02 Datasheet
22Kb / 2P
PHOTOMULTlPLlER TUBE
R5496 HAMAMATSU-R5496 Datasheet
59Kb / 2P
PHOTOMULTlPLlER TUBE
R580 HAMAMATSU-R580 Datasheet
22Kb / 2P
PHOTOMULTlPLlER TUBE
R6091 HAMAMATSU-R6091 Datasheet
22Kb / 2P
PHOTOMULTlPLlER TUBE
R7459 HAMAMATSU-R7459 Datasheet
47Kb / 2P
PHOTOMULTlPLlER TUBE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com