Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R2066 Datasheet(PDF) 1 Page - Hamamatsu Corporation

No. de pieza R2066
Descripción Electrónicos  PHOTOMULTlPLlER TUBE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMAMATSU [Hamamatsu Corporation]
Página de inicio  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R2066 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R2066 Datasheet HTML 1Page - Hamamatsu Corporation R2066 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Information furnished by HA MAM ATS U is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein.
© 1999 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may var y. Please consult with our sales office.
PHOTOMULTlPLlER TUBE
38mm(1–1/2 Inch) Diameter, Extended Red Multialkali
Photocathode Spectral Response 300 to 900 nm
GENERAL
MAXIMUM RATINGS (Absolute Maximum Values)
Parameter
Parameter
Value
Description/Value
Unit
Spectral Response
300 to 900
nm
Wavelength of Maximum Response
600
nm
Photocathode
MateriaI
Extended Red Multialkali
Structure
Number of Stages
Anode to Last Dynode
Anode to All Other Electrodes
Minimum Effective Area
34
mm dia.
pF
pF
Window Material
Borosilicate
Dynode
Direct Interelectrode
Capacitances
Supply Voltage
Between Anode and Cathode
Between Anode and Last Dynode
1500
Avarage Anode Current
0.2
250
Unit
Vdc
Vdc
mA
°C
Ambient Temperature
-30 to 50
Circular–cage
10
3
4
R2066
CHARACTERISTlCS (at 25
°C)
Parameter
Max.
Typ.
Min.
Cathode Sensitivity
Gain
Anode Dark Current (after 30min. storage in darkness)
Red/White Ratio (R–68 filter)
Anode Pulse Rise Time
2.8
ns
nA
Electron Transit Time
200
0.3
50
120
20
Time Response
Electrodes
K
Dy1
Dy2
Dy3
Dy4
Dy5
Dy6
Dy7
Dy8
Dy9
Dy10
P
Ratio
2
1
1
1
1
1
1
1
1
1
1
Anode characteristics are measured with the voItage distribution ratio shown below.
SuppIy Voltage : 1000Vdc,
K : Cathode,
Dy : Dynode,
P : Anode
NOTE:
A/lm
A/lm
Anode Sensitivity
40
830
Unit
VOLTAGE DlSTRlBUTlON RATlO AND SUPPLY VOLTAGE
Suitable Socket
E678–12A(supplied)
ns
2.5
10 5
Luminous (2856K)
Luminous (2856K)


Número de pieza similar - R2066

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
R2060 MICROSEMI-R2060 Datasheet
112Kb / 3P
Silicon Power Rectifier
R2060 MICROSEMI-R2060 Datasheet
143Kb / 2P
Silicon Power Rectifier
logo
RICOH electronics devic...
R2061K RICOH-R2061K Datasheet
723Kb / 56P
wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2061K01-E2 RICOH-R2061K01-E2 Datasheet
723Kb / 56P
wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2061K01-E2 RICOH-R2061K01-E2 Datasheet
613Kb / 60P
3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
April 1, 2012
More results

Descripción similar - R2066

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hamamatsu Corporation
R1387 HAMAMATSU-R1387 Datasheet
21Kb / 2P
PHOTOMULTlPLlER TUBE
R2228 HAMAMATSU-R2228 Datasheet
22Kb / 2P
PHOTOMULTlPLlER TUBE
R2248 HAMAMATSU-R2248 Datasheet
18Kb / 2P
PHOTOMULTlPLlER TUBE
R2257 HAMAMATSU-R2257 Datasheet
25Kb / 2P
PHOTOMULTlPLlER TUBE
R3998-02 HAMAMATSU-R3998-02 Datasheet
22Kb / 2P
PHOTOMULTlPLlER TUBE
R5108 HAMAMATSU-R5108 Datasheet
59Kb / 4P
PHOTOMULTlPLlER TUBE
R5496 HAMAMATSU-R5496 Datasheet
59Kb / 2P
PHOTOMULTlPLlER TUBE
R580 HAMAMATSU-R580 Datasheet
22Kb / 2P
PHOTOMULTlPLlER TUBE
R6091 HAMAMATSU-R6091 Datasheet
22Kb / 2P
PHOTOMULTlPLlER TUBE
R7459 HAMAMATSU-R7459 Datasheet
47Kb / 2P
PHOTOMULTlPLlER TUBE
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com