| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLM609SA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TLM609SA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 5 page ![]() 6 outlet, 9-ft cord, 1500 joule Safety Surge Suppressor - Rugged, Safe Surge Suppression for Industrial/Automotive/Factory Environments MODEL NUMBER: TLM609SA Description This Tripp Lite surge suppressor is designed to provide safe, reliable surge protection in harsh environments. A high 1500 joule rating can protect connected equipment against even the strongest surges. 6 outlets protect connected equipment against damaging surges, spikes and line noise. Convenient transformer outlets accommodate multiple transformers without blocking other outlets. A 9 ft. grounded cord with integrated cord clip reaches distant outlets. A lighted on/off switch with integrated circuit breaker provides power control over connected equipment. Breaker protects against dangerous system overload. Protected LED confirms that connected equipment is being protected. 4 safety covers shield unused outlets from debris and accidental contact. A rugged metal case stands up to the harshest environments. Built-in cord wrap with hang holes provides convenient cord management. Integrated keyhole slots on bottom panel provide convenient wall/desk mounting. Tripp Lite will repair or replace any connected equipment damaged by surges, including direct lightning strikes, up to $50,000 and for life! As an added safety feature, the surge suppressor's bright yellow color alerts you and others that power cords and tools are in use. Features 6 outlets protect connected equipment against damaging surges, spikes and line noise 9-ft. cord with integrated cord clip reaches distant outlets Lighted ON/OFF switch with integrated circuit breaker provides power control over connected equipment; Breaker protects against dangerous system overload Protected LED - If this green LED ever goes out, Tripp Lite will replace your surge suppressor under warranty at no charge! Convenient transformer outlets accommodate multiple transformers without blocking other outlets 4 safety covers shield unused outlets from debris and accidental contact Rugged metal case stands up to the harshest environments Cord wrap with hang holes provides convenient cord management Integrated keyhole slots on bottom panel provide convenient wall/desk mounting. 1500 joules of surge protection OSHA color guidelines, outlined in Document 1910.145, alert users to hazardous situations, which may cause minor or moderate injury. This Tripp Lite product complies with those guidelines. Highlights 6 outlets (including transformer outlets and 4 safety covers) 9 ft. cord 1500 joule rating Cord wrap with hang holes Rugged metal case $50,000 Ultimate Lifetime Insurance (USA and Canada only) Applications Industrial Automotive Factory Hardware Package Includes TLM609SA Safety Surge Suppressor 4 safety covers Owner's manual 1 / 4 |
Número de pieza similar - TLM609SA |
|
Descripción similar - TLM609SA |