| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS1107 Datasheet(PDF) 12 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
AS1107 Datasheet(HTML) 12 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
12 / 22 page ![]() www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07 Revision 2.28 11 - 21 AS1106, AS1107 Datasheet - Detailed Descr i pti on 8.5.3 Display-Test Register (0xXF) The AS1106/AS1107 devices can operate in two modes: normal mode and display test mode. In display test mode all LEDs are switched on at maximum brightness (duty cycle is 15/16 (AS1106) or 31/32 (AS1107). The devices remain in display-test mode until the Display-Test Register is set for normal operation. Note: All settings of the digit- and control-registers are maintained. 5 X 0101 10110 11 6 X 0110 10111 11 7 X 0111 11100 00 8 X 1000 11111 11 9 X 1001 11110 11 - X 1010 00000 01 E X 1011 10011 11 H X 1100 01101 11 L X 1101 00011 10 P X 1110 11001 11 Blank X 1111 00000 00 † The decimal point is enabled by setting bit D7 = 1. Table 11. HEX Font 7-Segment Character Register Data On Segments = 1 D7 † D6:D4 D3 D2 D1 D0 DP † A B C D E F G 0 X 0000 1 1 1 1110 1 X 0001 0 1 1 0000 2 X 0010 1 1 0 1101 3 X 0011 1 1 1 1001 4 X 0100 0 1 1 0011 5 X 0101 1 0 1 1011 6 X 0110 1 0 1 1111 7 X 0111 1 1 1 0000 8 X 1000 1 1 1 1111 9 X 1001 1 1 1 1011 A X 1010 1 1 1 0111 b X 1011 0 0 1 1111 C X 1100 1 0 0 1110 d X 1101 0 1 1 1101 E X 1110 1 0 0 1111 F X 1111 1 0 0 0111 † The decimal point is enabled by setting bit D7 = 1. Table 12. No-Decode Mode Data Bits and Corresponding Segment Lines D7 D6 D5 D4 D3 D2 D1 D0 Corresponding Segment Line DP A B C D E F G Table 13. Display-Test Register Format (Address (HEX) = 0xXF)) Mode Register Data D7 D6 D5 D4 D3 D2 D1 D0 Normal Operation XXXXXXX 0 Display Test Mode XXXXXXX 1 Table 10. Code-B Font (Continued) 7-Segment Character Register Data On Segments = 1 D7 † D6:D4 D3 D2 D1 D0 DP † A B C D E F G |