| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
228 Datasheet(PDF) 2 Page - Gilway Technical Lamp |
|
|
|||||||||||||||||||||||||||||
228 Datasheet(HTML) 2 Page - Gilway Technical Lamp |
|
2 / 2 page ![]() Telephone: 781-935-4442 sales@gilway.com Fax: 781-938-5867 www.gilway.com Engineering Catalog 169 T-1 Subminiature Short Type Lamps Line Part Filament Life No. No. Volts Amps M.S.C.P. Type Hours Drawing 1 6802 5.0 0.060 0.03 C-2R 200,000 A 2 6802AS15 5.0 0.060 0.03 C-2R 200,000 A 3 6832 5.0 0.060 0.05 C-2R 100,000 A 4 6832AS15 5.0 0.060 0.05 C-2R 100,000 A 5 7132 5.0 0.075 0.09 C-2R 40,000 A 6 7132AS15 5.0 0.075 0.09 C-2R 40,000 A 7 7152 5.0 0.115 0.15 C-2R 40,000 A 8 7152AS15 5.0 0.115 0.15 C-2R 40,000 A 9 7009 28.0 0.020 0.15 CC-2F 16,000 A A 31.75 +/-6.25 3.68 MAX 3.18 MAX T-1 Mini-Max Flashlight Lamps Line Part Life Filament Base No. No. Volts Amps M.S.C.P. Hours Type Type Drawing 10 L135 1.35 0.315 0.16 4 C-6 Bi-Pin B 11 L250 2.5 0.300 0.6 4 C-6 Bi-Pin B 12 L400 4.0 0.300 1.2 4 C-2R Bi-Pin B B 8.89+/-.76 |