| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STX13004G Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STX13004G Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 11 page ![]() July 2010 Doc ID 15543 Rev 3 1/11 11 STX13004 High voltage fast-switching NPN power transistor Features ■ High voltage capability ■ Low spread of dynamic parameters ■ Minimum lot-to-lot spread for reliable operation ■ Very high switching speed Application ■ SMPS for battery charger Description The device is manufactured using high voltage multi epitaxial planar technology for high switching speeds and high voltage capability. It uses a cellular emitter structure with planar edge termination to enhance switching speeds while maintaining the wide RBSOA. Figure 1. Internal schematic diagram TO-92 TO-92AP Table 1. Device summary Order codes Marking Package Packaging STX13004 X13004 TO-92 Bulk STX13004G (1) X13004G TO-92 Bulk STX13004-AP X13004 TO-92AP Ammopack STX13004G-AP (1) X13004G TO-92AP Ammopack 1. The letter "G" in the order code identifies the product as ECOPACK®2 grade. Please see Section 3 for details. www.st.com Obsolete Product(s) - Obsolete Product(s) |
Número de pieza similar - STX13004G |
|
Descripción similar - STX13004G |