Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MBR2045CT Datasheet(PDF) 1 Page - Micro Commercial Components

No. de pieza MBR2045CT
Descripción Electrónicos  20 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR2045CT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR2045CT Datasheet HTML 1Page - Micro Commercial Components MBR2045CT Datasheet HTML 2Page - Micro Commercial Components MBR2045CT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
THRU
20 Amp
Features
•
Meatl of Silicon Rectifier, Majority Conduction
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR2020CT
20V
14V
20V
MBR2030CT
30V
21V
30V
MBR2035CT
35V
24.5V
35V
MBR2040CT
40V
28V
40V
MBR2045CT
45V
31.5V
45V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
20 A
TA = 120
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
2020CT-2045CT
2060CT
VF
.70V
.80V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 2%
2020CT-2045CT
2060CT
.84V
.95V
2080CT-20100CT
.95V
IFM = 20A;
TA =25
°C
IFM = 10A;
TA =25
°C
2080CT-20100CT
.85V
2020CT-2045CT
2060CT
.72V
.85V
2080CT-20100CT
.85V
IFM = 20A;
TA =125
°C
MBR20100CT
100V
70V
100V
MBR2080CT
80V
56V
80V
MBR2060CT
60V
42V
60V
PIN 1
PIN 3
PIN 2
CASE
IR
20 to 100 Volts
TO-220AB
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
2020CT~2045CT
2060CT~20100CT
2020CT~2045CT
2060CT~20100CT
TA = 25°C
TA = 125°C
0.1mA
0.15mA
50mA
150mA
Barrier Rectifier
Schottky
MBR2020CT
MBR20100CT
*
*
*
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
∅
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
Revision:
C
20
13/10/22
www.mccsemi.com
1 of 3
MCC
TM
Micro Commercial Components
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
Maximum Ratings
Mounting Torgue: 5 in-lbs Maximum
•
•
Epoxy meets UL 94 V-0 flammability rating
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Marking : type number
•
High Current Capability, High Efficiency
•
Low Forward Voltage Drop
•
Guard ring for transient protection
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Maximum Thermal Resistance Junction to Case : 2.0
oC/W


Número de pieza similar - MBR2045CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MBR2045CT MOTOROLA-MBR2045CT Datasheet
135Kb / 6P
SWITCHMODE?? Power Rectifiers
logo
Diodes Incorporated
MBR2045CT DIODES-MBR2045CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
logo
General Semiconductor
MBR2045CT GE-MBR2045CT Datasheet
81Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR2045CT MCC-MBR2045CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Fairchild Semiconductor
MBR2045CT FAIRCHILD-MBR2045CT Datasheet
53Kb / 3P
Schottky Rectifiers
More results

Descripción similar - MBR2045CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2020CT MCC-MBRB2020CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF2020CT MCC-MBRF2020CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_08 Datasheet
188Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR2020CT MCC-MBR2020CT_13 Datasheet
279Kb / 3P
20 Amp 20 to 100 Volts Barrier Rectifier Schottky
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com