Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CPR3DK Datasheet(PDF) 3 Page - Marktech Corporate

No. de pieza CPR3DK
Descripción Electrónicos  LEDs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MARKTECH [Marktech Corporate]
Página de inicio  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CPR3DK Datasheet(HTML) 3 Page - Marktech Corporate

  CPR3DK Datasheet HTML 1Page - Marktech Corporate CPR3DK Datasheet HTML 2Page - Marktech Corporate CPR3DK Datasheet HTML 3Page - Marktech Corporate CPR3DK Datasheet HTML 4Page - Marktech Corporate CPR3DK Datasheet HTML 5Page - Marktech Corporate CPR3DK Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Copyright © 2007-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks, and TR and TR260 are trademarks of Cree, Inc.
3
CPR3DK Rev C
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Standard Bins for CxxxTR260-Sxx00
LEDchipsaresortedtotheradiant fluxanddominant wavelengthbinsshown.Asorteddiesheetcontainsdiefrom
onlyonebin.Sorteddiekit(CxxxTR260-Sxxxx)ordersmaybefilledwithanyorallbins(CxxxTR260-xxxx)containedin
thekit.AllradiantfluxanddominantwavelengthvaluesshownandspecifiedareatIf=20mA.
450-nm Kit
460-nm Kit
C450TR260-S3300
C450TR260-0417
C450TR260-0418
C450TR260-0419
C450TR260-0420
C450TR260-0413
C450TR260-0414
C450TR260-0415
C450TR260-0416
C450TR260-0409
C450TR260-0410
C450TR260-0411
C450TR260-0412
C450TR260-0405
C450TR260-0406
C450TR260-0407
C450TR260-0408
Dominant Wavelength (nm)
447.5
450
452.5
445
455
39
37
35
33
C460TR260-S3300
C460TR260-0417
C460TR260-0418
C460TR260-0419
C460TR260-0420
C460TR260-0413
C460TR260-0414
C460TR260-0415
C460TR260-0416
C460TR260-0409
C460TR260-0410
C460TR260-0411
C460TR260-0412
C460TR260-0405
C460TR260-0406
C460TR260-0407
C460TR260-0408
Dominant Wavelength (nm)
457.5
460
462.5
455
465
39
37
35
33



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com