| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DR331-7-155 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc. |
|
|
|||||||||||||||||||||||||||||
DR331-7-155 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc. |
|
1 / 2 page ![]() October 28, 2011 DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com 499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290 All specification are subject to change without notice. ELECTRICAL SPECIFICATIONS AT 25°C Inductance DCR I rms (A) I sat (A) SRF Q Min Part No. H ( ) Max. Max. (Note 3) Max. (Note 2) (MHz) REF. DR331-7-102 1.0 ± 20% 0.04 3 1.1 250 30 @200kHz, 0.1V DR331-7-152 1.5 ± 20% 0.045 2.8 0.90 125 30 @200kHz, 0.1V DR331-7-222 2.2 ± 20% 0.05 1.8 0.68 120 40 @200kHz, 0.1V DR331-7-332 3.3 ± 20% 0.055 1.6 0.40 120.0 40 @200kHz, 0.1V DR331-7-472 4.7 ± 20% 0.06 1.4 0.38 105.0 40 @200kHz, 0.1V DR331-7-682 6.8 ± 20% 0.065 1.2 0.36 50.0 40 @200kHz, 0.1V DR331-7-103 10 ± 20% 0.075 1 0.24 38.0 40 @200kHz, 0.1V DR331-7-153 15 ± 20% 0.09 0.8 0.18 33.0 40 @100kHz, 0.1V DR331-7-223 22 ± 20% 0.11 0.7 0.16 25 40 @100kHz, 0.1V DR331-7-333 33 ± 20% 0.19 0.6 0.14 20 40 @100kHz, 0.1V DR331-7-473 47 ± 20% 0.23 0.5 0.12 20.0 40 @100kHz, 0.1V DR331-7-683 68 ± 20% 0.29 0.4 0.10 15.0 40 @100kHz, 0.1V DR331-7-104 100 ±20% 0.48 0.3 0.04 10 40 @100kHz, 0.1V DR331-7-154 150 ± 20% 0.59 0.26 0.04 9.0 40 @100kHz, 0.1V DR331-7-224 220 ± 20% 0.9 0.22 0.04 6.0 40 @100kHz, 0.1V DR331-7-334 330 ± 20% 1.4 0.2 0.04 5.0 40 @100kHz, 0.1V DR331-7-474 470 ± 20% 1.8 0.19 0.04 4.0 40 @100kHz, 0.1V DR331-7-684 680 ± 20% 2.2 0.18 0.02 3.0 40 @100kHz, 0.1V DR331-7-105 1000 ± 20% 3.4 0.15 0.02 2.0 40 @100kHz, 0.1V DR331-7-155 1500 ± 20% 4.2 0.12 0.02 2.0 50 @100kHz, 0.1V DR331-7-225 2200 ± 20% 8.5 0.1 0.02 2.0 50 @100kHz, 0.1V DR331-7-335 3300 ± 20% 11 0.08 0.02 1.0 50 @100kHz, 0.1V DR331-7-475 4700 ± 20% 13.9 0.06 0.02 1.0 50 @100kHz, 0.1V DR331-7-685 6800 ± 20% 25 0.04 0.02 1.0 50 @100kHz, 0.1V DR331-7-106 10000 ± 20% 32.8 0.02 0.02 0.8 50 @100kHz, 0.1V SHIELDED SMD INDUCTOR DR331-7 SERIES Features Inductance Range: 1.0µH to 10000µH Operating Temp. -40°C to +85°C Terminal Finish see Note 6 |
Número de pieza similar - DR331-7-155 |
|
Descripción similar - DR331-7-155 |