Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

K3385 Datasheet(PDF) 3 Page - NEC

No. de pieza K3385
Descripción Electrónicos  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

K3385 Datasheet(HTML) 3 Page - NEC

  K3385 Datasheet HTML 1Page - NEC K3385 Datasheet HTML 2Page - NEC K3385 Datasheet HTML 3Page - NEC K3385 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet D14472EJ1V0DS00
3
2SK3385
PACKAGE DRAWINGS (Unit : mm)
1) TO-251 (MP-3)
1.Gate
2.Drain
3.Source
4.Fin (Drain)
2
13
6.5±0.2
5.0±0.2
4
2.3
2.3
0.5±0.1
2.3±0.2
1.1±0.2
0.5-0.1
+0.2
0.5-0.1
+0.2
2) TO-252 (MP-3Z)
1. Gate
2. Drain
3. Source
4. Fin (Drain)
12
3
4
6.5±0.2
5.0±0.2
2.3 2.3
0.9
MAX.
2.3±0.2
0.5±0.1
0.8
MAX.
0.8
1.1±0.2
EQUIVALENT CIRCUIT
Remark
The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage
exceeding the rated voltage may be applied to this device.
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain



Html Pages

1 2 3 4