Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-0700 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-0700
Descripción Electrónicos  Low Input Current, High Gain Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0700 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0700 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0700 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0700 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0700 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0700 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0700 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0700 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0700 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0700 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Selection for lower input current down to 250 μA is
available upon request.
The HCPL-0701 and HCPL-0700 are surface mount devices
packaged in an industry standard SOIC-8 footprint.
The SOIC-8 does not require “through holes” in a PCB.
This package occupies approximately one-third the
footprint area of the standard dual-in-line package. The
lead profile is designed to be compatible with standard
surface mount processes.
The HCNW139 and HCNW138 are packaged in a
widebody encapsulation that provides creepage and
clearance dimensions suitable for safety approval by
regulatory agencies worldwide.
Selection Guide
Widebody
8-Pin DIP
Package
Hermetic
(300 Mil)
Small Outline SO-8
(400 mil)
Single and
Dual
Single
Dual
Minimum
Absolute
Dual
Single
Channel
Channel
Channel
Single
Input ON
Maxi-
Channel
Channel
Package
Package
Package
Channel
Current
Minimum
mum
Packages
Package
HCPL-
HCPL-
HCPL-
Package
(I
F)
CTR
V
CC
HCPL-
6N139
2731[1]
0701
0731
HCNW139
0.5 mA
400%
18 V
6N138
2730[1]
0700
0730
HCNW138
1.6 mA
300%
7 V
HCPL-4701[1]
4731[1]
070A[1]
073A[1]
40 μA
800%
18 V
0.5 mA
300%
20 V
5701[1]
5700[1]
5731[1]
5730[1]
Note:
1. Technical data are on separate Avago publications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com