Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HC2F100-SN Datasheet(PDF) 4 Page - LEM

No. de pieza HC2F100-SN
Descripción Electrónicos  AUTOMOTIVE CURRENT TRANSDUCER HC2F100-SN CLIPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEM [LEM]
Página de inicio  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HC2F100-SN Datasheet(HTML) 4 Page - LEM

  HC2F100-SN Datasheet HTML 1Page - LEM HC2F100-SN Datasheet HTML 2Page - LEM HC2F100-SN Datasheet HTML 3Page - LEM HC2F100-SN Datasheet HTML 4Page - LEM HC2F100-SN Datasheet HTML 5Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4/5
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
18october2011/2
HC2F100-SN CLIPS
-1.0%
-0.5%
0.0%
0.5%
1.0%
1.5%
2.0%
2.5%
3.0%
3.5%
-40-20
020406080100
120140
T° (°C)
-3
-2
-1
0
1
2
3
4
5
6
-40-20
020406080100
120140
Temperature T° (°C)
-0.10%
-0.08%
-0.06%
-0.04%
-0.02%
0.00%
0.02%
0.04%
0.06%
0.08%
0.10%
-100
-80-60
-40-20
020406080100
Prim ary current Ip (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-100
-80-60
-40-20
020406080100
Primary current Ip (A)
Vout @25°C
Vout @85°C
Vout @125°C
Fig. 3: Typical linearity versus primary current at T° = 25°C
Fig. 4: Typical output voltage versus primary current across
temperature
Fig. 5: Typical sensitivity error versus temperature
Fig. 6: Typical offset error versus temperature
Influence of the external magnetic field
Test conditions :
- transducer sample : HC2F100-SN CLIPS
- diameter of the disturbing conductor : 6 mm
- dimension of the primary bus-bar : 6 x 2 x 200 mm
- tested at ambient temperature
Current levels:
A
B
C
D
E
F
G
G1
G2
H
I disturbed+
L
J
I disturbed+
CASE 1CASE 2CASE 3CASE 4
I disturbant+ 100 A- 100 A+ 100 A- 100 A
I primary0 A0 A+ 100 A+ 100 A
-1
-0.5
0
0.5
1
AB
CD
EF
G1
GG2H
IJ
KL
Position
case1
case2
case3
case4



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com