| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PE3C2005-100CM Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc. |
|
|
|||||||||||||||||||||||||||||
PE3C2005-100CM Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc. |
|
1 / 3 page ![]() TECHNICAL DATA SHEET TECHNICAL DATA SHEET 1 Configuration Connector 1 N Male Connector 2 7/16 DIN Female Cable Type PE-SR402FLJ Low PIM Electrical Specifications Frequency Range DC to 3 GHz Impedance 50 Ohms Maximum VSWR 1.15:1 RF Shielding -100 dB Maximum Input Power 440 Watts Passive Intermodulation -160 dBc Typical Performance by Frequency Frequency 1 Frequency 500 MHz Insertion Loss, 0.3 dB Power Handling, Watts 440 Frequency 2 Frequency 1000 MHz Insertion Loss 0.41 dB Power Handling 300 Watts Frequency 3 Frequency 2 GHz Insertion Loss 0.6 dB Power Handling 220 Watts Frequency 4 Frequency 2.5 GHz Insertion Loss 0.68 dB Power Handling 190 Watts Frequency 5 Frequency 3 GHz Insertion Loss 0.75 dB Power Handling 170 Watts Mechanical Specifications Temperature Temperature Operating Range -55 to +125 deg C Size Length 39.37 in [100 cm] . One Time Minimum Bend Radius 1.5 in [38.1 mm] Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: N Male to 7/16 DIN Female LSZH Jacketed Cable 100 CM Length Using SR402FLJ Low PIM Coax, RoHS PE3C2005-100CM PE3C2005-100CM REV 1.0 PE3C2005-100CM N Male to 7/16 DIN Female LSZH Jacketed Cable 100 CM Length Using SR402FLJ Low PIM Coax, RoHS |
Número de pieza similar - PE3C2005-100CM |
|
Descripción similar - PE3C2005-100CM |