Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RA0026F Datasheet(PDF) 1 Page - Solid States Devices, Inc

No. de pieza RA0026F
Descripción Electrónicos  RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSDI [Solid States Devices, Inc]
Página de inicio  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0026F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0026F Datasheet HTML 1Page - Solid States Devices, Inc RA0026F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0026F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SDA669 __ __ _F_ __ __ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Lead Bend 3/
__ = Straight Leads
UB = Up Bend
DB = Down Bend
Terminals 3/
__ = Copper Leads
T = Turret Terminals
Speed F = Fast (250 ns typ.)
Voltage J = 600 V
K = 800 V
M = 1000 V
Polarity (__: standard, R: reverse)
SDA669 Series
30 AMP
600 – 1000 VOLTS
THREE PHASE BRIDGE
RECTIFIER ASSEMBLY
Features:
 Up to 1000 V Blocking Voltage
 Average Output Current 30 Amps
 Low Reverse Leakage Current
 Constructed with Void-Free, Hermetically Sealed
Discretes
 Aluminum Case for Maximum Thermal Conductivity
 Small Package Size (1.500” x 0.875” x 0.310”)
 TX, TXV and Space Level Screening Available 2/
Ultra Fast (70ns) versions available - Contact Factory
Custom Lead Bend Options Available Upon Request –
Contact Factory
3/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
SDA669J
SDA669K
SDA669M
VRRM
VRSM
VR
600
800
1000
Volts
Average Rectified Forward Current 4/
(Resistive Load, 60 hz Sine Wave, TC = 55°C)
Io
30
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25°C)
IFSM
125
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance
Junction to Case
RƟJC
2.0
ºC/W
1
SDA669 ( __ )
SDA669 (T)


Número de pieza similar - RA0026F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid States Devices, I...
RA0026F SSDI-RA0026F_15 Datasheet
142Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
More results

Descripción similar - RA0026F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid States Devices, I...
RA0003 SSDI-RA0003 Datasheet
39Kb / 2P
RECTIFIER ASSEMBLY
RA0006 SSDI-RA0006 Datasheet
53Kb / 2P
RECTIFIER ASSEMBLY
RA0033 SSDI-RA0033 Datasheet
115Kb / 2P
RECTIFIER ASSEMBLY
RA0043 SSDI-RA0043 Datasheet
114Kb / 2P
RECTIFIER ASSEMBLY
RA0051B SSDI-RA0051B Datasheet
81Kb / 2P
Rectifier Assembly
RA0053 SSDI-RA0053 Datasheet
39Kb / 2P
RECTIFIER ASSEMBLY
RA0091 SSDI-RA0091 Datasheet
157Kb / 2P
RECTIFIER ASSEMBLY
RA0103A SSDI-RA0103A Datasheet
74Kb / 2P
Rectifier Assembly
RA0047A SSDI-RA0047A_15 Datasheet
159Kb / 2P
RECTIFIER ASSEMBLY
RA0049 SSDI-RA0049_15 Datasheet
34Kb / 2P
RECTIFIER ASSEMBLY
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com