Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

B0305S/D-W2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

No. de pieza B0305S/D-W2
Descripción Electrónicos  SINGLE OUTPUT DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MORNSUN [MORNSUN Science& Technology Ltd.]
Página de inicio  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B0305S/D-W2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  B0305S/D-W2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B0305S/D-W2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B0305S/D-W2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
B_S(D)-W2
B/2-2012
Page 1 of 3
B_S(D)-W2 Series
0.25W, FIXED INPUT, ISOLATED & UNREGULATED
SINGLE OUTPUT DC-DC CONVERTER
RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max.
Min.
Efficiency
(%, Typ)
B0303S/D-W2*
3.3
76
8
62
B0305S/D-W2
3.3
2.97-3.63
5
50
5
64
B0503S/D-W2
3.3
76
8
64
B0505S/D-W2
5
50
5
64
B0509S/D-W2
9
28
3
65
B0512S/D-W2
12
21
2
65
B0515S/D-W2
5
4.5-5.5
15
17
2
65
B1203S/D-W2
3.3
76
8
62
B1205S/D-W2
5
50
5
63
B1212S/D-W2
12
21
2
65
B1215S/D-W2
12
10.8-13.2
15
17
2
66
B2405S/D-W2
5
50
5
63
B2412S/D-W2
12
21
2
65
B2415S/D-W2
24
21.6-26.4
15
17
2
66
Note:
1.Models listed with strike-through text have been officially discontinued.
2.*Designing.
COMMON SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
25
Lead temperature
1.5mm from case for 10 seconds
300
°C
Cooling
Free air convection
Case material
Plastic(UL94-V0)
Short circuit protection*
1
s
MTBF
3500
k hours
B_S-W2 Series
1.2
Weight
B_D-W2 Series
1.8
g
*Supply voltage must be discontinued at the end of short circuit duration.
ISOLATION SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 minute and 1mA max
1000
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
Isolation capacitance
85
pF
● SIP/DIP Package
● 1KVDC Isolation
● Temperature Range: -40°C ~ +85°C
● No Heatsink Required
● Internal SMD Construction
● No External Component Required
● Industry Standard Pinout
● RoHS Compliance
APPLICATIONS
The B_S-W2/B_D-W2 series are specially
designed for applications where a group of polar
power supplies are isolated from the input power
supply in a distributed power supply system on a
circuit board.
These products apply to:
1) Where the voltage of the input power supply
is fixed (Voltage variation
≤ ±10%);
2) Where isolation is necessary between input
and output (Isolation voltage
≤1000VDC);
3) Where the regulation of the output voltage
and
the
output
ripple
noise
are
not
demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
MODEL SELECTION
B0505S-W2
Produc t Series
Inp ut Voltage
Out put Voltage
Pac ka ge St yle
Rated Power
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com


Número de pieza similar - B0305S/D-W2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
B0305S/D-W2 MORNSUN-B0305S/D-W2 Datasheet
159Kb / 3P
SINGLE OUTPUT DC-DC CONVERTER
More results

Descripción similar - B0305S/D-W2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
SINGLE OUTPUT DC-DC CONVERTER
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
M-78H-NZ MAKE-PS-M-78H-NZ Datasheet
373Kb / 3P
Single Output DC/DC Converter
M-78R-NZ MAKE-PS-M-78R-NZ Datasheet
435Kb / 4P
Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com