Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LPR2430ERA Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

No. de pieza LPR2430ERA
Descripción Electrónicos  High Power 802.15.4 Module with Chip Antenna
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LPR2430ERA Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LPR2430ERA Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LPR2430ERA Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LPR2430ERA Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LPR2430ERA Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LPR2430ERA Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page1of5
©2009 by RF Monolithics, Inc.
LPR2430ERA - 06/19/09
LPR2430ERA
Rating
Value
Units
All Input/Output Pins
-0.3 to +6.0
V
Non-Operating Ambient Temperature Range
-40 to +85
oC
LPR2430ERA Absolute Maximum Ratings
LPR2430ERA Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency Range
2405
2475
MHz
Operating Frequency Tolerance
-300
300
kHz
Spread Spectrum Method
Direct Sequence
Modulation Type
O-QPSK
Number of RF Channels
15
RF Data Transmission Rate
250
kb/s
Symbol Rate Tolerance
120
ppm
RF Channel Spacing
5
MHz
Receiver Sensitivity, 10E-5 BER
-95
dBm
Upper Adjacent Channel Rejection, +5 MHz
41
dB
Lower Adjacent Channel Rejection, -5 MHz
30
dB
Upper Alternate Channel Rejection, +10 MHz
55
dB
Lower Alternate Channel Rejection, -10 MHz
53
dB
Maximum RF Transmit Power
18
dBm
Transmit Power Adjustment
20
dB
Optimum Antenna Impedance
50
W
2.4 GHz Spread Spectrum Transceiver Module
Small Size, Light Weight, Built-In Antenna
Sleep Current less than 3 µA
FCC, Canadian IC and ETSI Certified for Unlicensed Operation
The LPR2430ERA 2.4 GHz transceiver module is a low cost, high-power solution for
peer-to-peer, point-to-point and point-to-multipoint wireless designs. LPR2430ERA
modules provide the flexibility and versatility to serve applications ranging from cable
replacements to sensor networks. Based on the IEEE 802.15.4 wireless standard,
the LPR2430ERA module is easy to integrate, requires no external antenna, and pro-
vides robust wireless communications in applications where mesh network operation
is not required. The LPR2430ERA includes CNL V2.0 Network Layer firmware which
features a flexible and simple-to-use Application Programming Interface.
Shown with Shield Removed
High Power
802.15.4 Module
with Chip
Antenna
DEVELOPMENT KIT
(Info Click here)


Número de pieza similar - LPR2430ERA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
LPR2430ERADK MURATA-LPR2430ERADK Datasheet
389Kb / 1P
Everything you need to get a wireless link going in less than 10 minutes
More results

Descripción similar - LPR2430ERA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
F2M03GLA ETC2-F2M03GLA Datasheet
914Kb / 44P
Low power Bluetooth??Module with antenna
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
High-performance, IEEE 802.15.4 wireless system-on-chip
21-Sep-2009
logo
List of Unclassifed Man...
STM32W108CBU64TR ETC2-STM32W108CBU64TR Datasheet
302Kb / 20P
High-performance, 802.15.4 wireless system-on-chip
logo
Murata Manufacturing Co...
LPR2430ER MURATA-LPR2430ER Datasheet
351Kb / 6P
High Power 802.15.4 Module
LPR2430A MURATA-LPR2430A Datasheet
319Kb / 5P
802.15.4 Transceiver Module
LPR2430 MURATA-LPR2430 Datasheet
380Kb / 6P
802.15.4 Transceiver Module
logo
Skyworks Solutions Inc.
SE2436L SKYWORKS-SE2436L Datasheet
262Kb / 13P
High Power 2.4 GHz 802.15.4 Front End Module
logo
List of Unclassifed Man...
DWM1000 ETC2-DWM1000 Datasheet
1Mb / 29P
IEEE 802.15.4-2011 UWB Transceiver Module
logo
Quectel Wireless Soluti...
L96 QUECTEL-L96 Datasheet
767Kb / 2P
Extremely Compact GNSS Module with Chip Antenna
logo
Microchip Technology
MRF24J40MC MICROCHIP-MRF24J40MC Datasheet
1Mb / 30P
2.4 GHz IEEE Std. 802.15.4™ RF Transceiver Module with PA/LNA and External Antenna Connector
Revision B August 2019
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com