Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UBA2072 Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza UBA2072
Descripción Electrónicos  Low Voltage Full-bridge control IC for CCFL backlighting
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2072 Datasheet(HTML) 1 Page - NXP Semiconductors

  UBA2072 Datasheet HTML 1Page - NXP Semiconductors UBA2072 Datasheet HTML 2Page - NXP Semiconductors UBA2072 Datasheet HTML 3Page - NXP Semiconductors UBA2072 Datasheet HTML 4Page - NXP Semiconductors UBA2072 Datasheet HTML 5Page - NXP Semiconductors UBA2072 Datasheet HTML 6Page - NXP Semiconductors UBA2072 Datasheet HTML 7Page - NXP Semiconductors UBA2072 Datasheet HTML 8Page - NXP Semiconductors UBA2072 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1.
General description
The UBA2072 is a low voltage IC intended to drive Cold Cathode Fluorescent Lamps
(CCFLs) for back-lighting applications. The IC contains level-shifters, bootstrap diodes
and drivers for the external full-bridge power switches.
Furthermore, the UBA2072 has a build-in HF oscillator which determines the operating
frequency, a phase shift controller for obtaining constant lamp current, and a PWM
generator which is used to set the brightness level of the CCFLs.
The UBA2072 is designed to operate over a wide low voltage inverter supply range, up to
30V. The IC can be supplied directly from the inverter supply.
2.
Features
Wide supply voltage range (9 V to 30 V DC)
Adjustable maximum fault timing
Integrated level-shifters
Integrated bootstrap diodes
Lamp current control
Over-voltage control
Over-current protection
Ignition failure detection
Arcing detection
Brightness level adjustment through PWM dimming
Integrated PWM generator
3.
Applications
LCD-backlighting, including LCD-TV and LCD-Monitor applications. The IC is intended
to drive and control a full-bridge inverter with resonant load circuit for CCFLs, but can
also drive an array of External Electrode Fluorescent Lamps (EEFLs).
UBA2072
Low Voltage Full-bridge control IC for CCFL backlighting
Rev. 08.0 — February 2007
Preliminary data sheet


Número de pieza similar - UBA2072

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
UBA2070 PHILIPS-UBA2070 Datasheet
110Kb / 20P
600 V CCFL ballast driver IC
2002 Oct 24
UBA2070P PHILIPS-UBA2070P Datasheet
110Kb / 20P
600 V CCFL ballast driver IC
2002 Oct 24
UBA2070T PHILIPS-UBA2070T Datasheet
110Kb / 20P
600 V CCFL ballast driver IC
2002 Oct 24
UBA2071 NXP-UBA2071 Datasheet
628Kb / 35P
Half bridge control IC for CCFL backlighting
Rev. 01-23 June 2008
UBA2071AT NXP-UBA2071AT Datasheet
628Kb / 35P
Half bridge control IC for CCFL backlighting
Rev. 01-23 June 2008
More results

Descripción similar - UBA2072

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsumi Electronics, Co...
LX1692 MITSUMI-LX1692 Datasheet
271Kb / 15P
Full Bridge Resonant CCFL Controller
logo
Microsemi Corporation
LX1696A MICROSEMI-LX1696A Datasheet
97Kb / 2P
Full Bridge Resonant CCFL Controller
logo
Monolithic Power System...
MP1038 MPS-MP1038 Datasheet
34Kb / 1P
Full Bridge CCFL Controller
logo
Microsemi Corporation
LX1692B MICROSEMI-LX1692B Datasheet
305Kb / 13P
Full Bridge Resonant CCFL Controller
logo
NXP Semiconductors
UBA2035 NXP-UBA2035 Datasheet
71Kb / 13P
HF full bridge control IC for HID lighting
Rev. 01-31 October 2008
UBA2036TS NXP-UBA2036TS Datasheet
74Kb / 13P
Full bridge control IC for HID automotive lighting
Rev. 01-30 October 2008
UBA2037 NXP-UBA2037 Datasheet
83Kb / 14P
Full bridge control IC for HID general lighting
Rev. 01-30 October 2008
logo
Microsemi Corporation
LX6504 MICROSEMI-LX6504 Datasheet
180Kb / 2P
Full Bridge Resonant CCFL Controller
logo
NXP Semiconductors
UBA2071 NXP-UBA2071 Datasheet
628Kb / 35P
Half bridge control IC for CCFL backlighting
Rev. 01-23 June 2008
UBA2074 NXP-UBA2074 Datasheet
1Mb / 33P
High Voltage Full-bridge control IC for CCFL backlighting
Rev. 02.0-February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com