| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NZQFN28 Datasheet(PDF) 19 Page - Roithner LaserTechnik GmbH |
|
|
|||||||||||||||||||||||||||||
NZQFN28 Datasheet(HTML) 19 Page - Roithner LaserTechnik GmbH |
|
19 / 20 page ![]() iC-NZ FAIL-SAFE LASER DIODE DRIVER Rev B2, Page 19/20 Driving blue laser diodes It is also possible to drive blue laser diodes with iC- NZ. The laser diode is then directly powered by a second, higher voltage. The laser power is set as de- scribed above in Switching up to three laser power lev- els. Figure 17 shows iC-NZ connected up to a blue laser diode. It is important to note that here the laser diode supply voltage should be as low as possible to keep iC power dissipation to a minimum. CLDA RSMD LD MD RML Monitor Safety Diode VSAL Laser Driver VSAH + − − SMD(0) SMD(1) + Safety Monitor Diode Current Monitor Finite State Machine RVDD SDIS NSEN NSEN SMD VDD LDAOK MDOK EN RGND LDA GND VREF + APC + + − CREF CIL LDKL VREF + + + − CIM LDKM VREF + + + − CIH LDKH MDL Monitor CIH MDL NTREN S1 RSI REGEN LENH LENL LENM VDD RMDH AGND CIL MDL RMH RMDM RMM CIM iC−NZ VDD 5..12V Figure 17: Driving blue laser diodes DEMO BOARD The iC-NZ device is equipped with a Demo Board for test purposes. A description of the demo board is available as a separate document. This specification is for a newly developed product. iC-Haus therefore reserves the right to change or update, without notice, any information contained herein, design and specification; and to discontinue or limit production or distribution of any product versions. Please contact iC-Haus to ascertain the current data. Copying – even as an excerpt – is only permitted with iC-Haus approval in writing and precise reference to source. iC-Haus does not warrant the accuracy, completeness or timeliness of the specification on this site and does not assume liability for any errors or omissions in the materials. The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of merchantability, fitness for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which information refers and no guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or areas of applications of the product. iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade mark rights of a third party resulting from processing or handling of the product and/or any other use of the product. |