Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SG-8003CE-SCM Datasheet(PDF) 1 Page - Epson Company

No. de pieza SG-8003CE-SCM
Descripción Electrónicos  CRYSTAL OSCILLATOR PROGRAMMABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPSON [Epson Company]
Página de inicio  http://www.epsondevice.com
Logo EPSON - Epson Company

SG-8003CE-SCM Datasheet(HTML) 1 Page - Epson Company

  SG-8003CE-SCM Datasheet HTML 1Page - Epson Company SG-8003CE-SCM Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Crystal oscillator
Specifications (characteristics)
Item
Symbol
Specifications
Conditions / Remarks
PE / SE
PD / SD
PC / SC
Output frequency range
f0
1 MHz to 166 MHz
Supply voltage
VCC
1.8 V Typ.
1.6 V to 2.2 V
2.5 V Typ.
2.2 V to 2.8 V
3.3 V Typ.
2.7 V to 3.6 V
Storage temperature
T_stg
-40
C to +85 °C
Storage as single product.
Operating temperature
T_use
-20
C to +70 °C / -40 C to +85 °C
Frequency tolerance
f_tol
B:
50  10-6, C: 100  10-6
-20
C to +70 C
L:
50  10-6, M: 100  10-6
-40
C to +85 C
Current consumption
ICC
3.5 mA Max.
4.0 mA Max.
No load condition,
1 MHz≦f0≦25 MHz
5.0 mA Max.
6.5 mA Max.
No load condition,
25 MHz<f0≦50 MHz
6.0 mA Max.
8.5 mA Max.
No load condition,
50 MHz<f0≦75 MHz
7.0 mA Max.
10.5 mA Max.
No load condition,
75 MHz<f0≦100 MHz
8.5 mA Max.
12.5 mA Max.
No load condition, 100 MHz<f0≦125 MHz
10.0 mA Max.
15.0 mA Max.
No load condition, 125 MHz<f0≦166 MHz
Output disable current
I_dis
8 mA Max.
OE=GND (PE,PD,PC)
Stand-by current
I_std
50 µA Max.
ST
=GND (SE,SD,SC)
Symmetry
SYM
45 % to 55 %
50 % VCC level, L_CMOS
 15 pF
Output voltage
VOH
90 % VCC Min.
VCC -0.4 V Min. IOH=-4 mA(PD,SD,PE,SE), -8.0 mA(PC,SC)
VOL
10 % VCC Max.
0.4 V Max.
IOL= 4 mA(PD,SD,PE,SE), 8.0 mA(PC,SC)
Output load condition
(CMOS)
L_CMOS
15 pF Max.
Input voltage
VIH
80 % VCC Min.
OE terminal or ST terminal
VIL
20 % VCC Max.
Rise and Fall time
tr/ tf
5.0 ns Max.
1 MHz≦f0<80 MHz
20 % VCC to 80 % VCC
level, L_CMOS=15 pF
2.5 ns Max.
80 MHz≦f0≦166 MHz
Start-up time
t_str
5 ms Max.
t=0 at 90 % VCC
Frequency aging
f_aging
±3 × 10
-6 / year Max.
+25 °C, First year, VCC=1.8 V, 2.5 V, 3.3 V
Product Name
SG-8003 CG 166.000000MHz P E B
(Standard form)
④⑤⑥
①Model
②Package type
③Frequency
④Function (P: Output enable, S:Standby)
⑤Supply voltage
⑥Frequency tolerance
Current consumption
⑤Supply voltage
C
3.3 V Typ.
D
2.5 V Typ.
E
1.8 V Typ.
⑥Frequency tolerance
B
±50 × 10
-6
/ -20 to +70°C
C
±100 × 10
-6 / -20 to +70°C
L
±50 × 10
-6
/ -40 to +85°C
M
±100 × 10
-6 / -40 to +85°C
Product Number (please contact us)
X1G003xx2xxxx00
CRYSTAL OSCILLATOR
PROGRAMMABLE
OUTPUT : CMOS
SG - 8003 series
Frequency range
:
1 MHz to 166 MHz
Supply voltage
:
1.8 V / 2.5 V / 3.0 V / 3.3V
Function
:
Output enable(OE) or Standby( ST )
Short mass production lead time by PLL technology.
SG-Writer available to purchase.
Please contact Epson or local sales representative.
0
5
10
15
0
20
40
60
80
100
120
140
160
180
Frequency [MHz]
Current consumption (Typ.)
PE/SE
PD/SD/PC/SC


Número de pieza similar - SG-8003CE-SCM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Epson Company
SG-8003CE-PEB EPSON-SG-8003CE-PEB Datasheet
355Kb / 2P
CRYSTAL OSCILLATOR
More results

Descripción similar - SG-8003CE-SCM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Epson Company
SG-8002JA EPSON-SG-8002JA Datasheet
33Kb / 1P
PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Abracon Corporation
AP2S ABRACON-AP2S Datasheet
1Mb / 2P
PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
AP3S ABRACON-AP3S Datasheet
3Mb / 2P
PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
logo
NIHON DEMPA KOGYO
2775Y NDK-2775Y Datasheet
90Kb / 1P
Crystal Clock Oscillator Programmable Type
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702_09 Datasheet
220Kb / 6P
Programmable High-Frequency Crystal Oscillator
logo
EPCOS
SG-8002CA-PCM EPCOS-SG-8002CA-PCM Datasheet
516Kb / 5P
CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Epson Company
SG-8101CGA EPSON-SG-8101CGA Datasheet
1Mb / 8P
CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
logo
Renesas Technology Corp
IDT8N3S272 RENESAS-IDT8N3S272 Datasheet
715Kb / 19P
LVPECL Frequency-Programmable Crystal Oscillator
NOVEMBER 28, 2012
IDT8N3S270 RENESAS-IDT8N3S270 Datasheet
1Mb / 20P
LVPECL Frequency-Programmable Crystal Oscillator
2019
IDT8N4S271 RENESAS-IDT8N4S271 Datasheet
725Kb / 19P
LVDS Frequency-Programmable Crystal Oscillator
2019
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com