| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PS1000-R06L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PS1000-R06L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 2 page ![]() Unit: mm - + 30 PS1000-R06L MADE IN JAPAN G AIRCHECKER Air Checker: Electronic Pressure Switch Applicable fluid: Air, Non-corrosive gas, Non-flammable gas Series PS1000 /1100/1200 New New RoHS Compact/lightweight electronic pressure switch Addition of vacuum range (−14.5 to 0 psi) (−100 to 0 kPa) Easy adjustment of pressure setting trimmer Positive pressure adjustment range 14.5 psi (–100 kPa) PS1200 (For vacuum) 0 psi (0 kPa) 14.5 psi (–0.1 MPa) 0 psi (0 MPa) PS1000/1100 65 psi/ 58 psi (0.45 MPa/0.4 MPa) Easy mounting Plug-in reducer port for One-touch fittings 2-wire type Applicable to either NPN or PNP output High visibility A large LED display for an easily visible switch Switch output Max. operating pressure Set pressure range Fluid Indicator light Temperature characteristics Repeatability Hysteresis Load voltage Load current Leakage current Internal voltage drop Operating temperature range Insulation resistance Withstand voltage Weight Port size Enclosure Lead wire Note) Wetted parts material Standards Model PS1200 73 psi (500 kPa) -14.5 to 0 psi (–100 to 0 kPa) 10% F.S. or less PS1000 Present pres. Setting pres.: ON -14.5 to 65 psi (–0.1 to 0.45 MPa) PS1100 -14.5 to 58 psi (–0.1 to 0.4 MPa) Air/Non-corrossive gas/Non-flammable gas ON: When red LED turns on 3% F.S. 1% F.S. 12 to 24 VDC 10%, Ripple (p-p) 10% or less 5 to 40 mA 1 mA or less 5 V or less 32 to 140°F (0 to 60 C) (No condensation) 2 M or more (500 VDC measured via megohmmeter) between terminals and housing 1000 VAC (in 50/60 Hz) for 1 minute between terminals and housing 5 g (Excluding lead wire) R06: ø6 reducer, R07: 1/4" reducer IP40 Pressured sensor part: Silicon, Body part: PBT, O-ring: HNBR CE (Option), RoHS Specifications 145 psi (1 MPa) 4% F.S. or less Grommet oil-resistant vinyl cabtire code 2 cores, ø2.55, 3 m, Cross section: 0.18 mm2, Insulator O.D.: 0.96 mm Note) For wiring, refer to the Operation Manual on our website, http://www.smcworld.com Present pres. Setting pres.: ON Refer to Best Pneumatics No. 6 for Pressure Switch Precautions, and the Operation Manual on our website for Specific Product Precautions. [Option] PS1000 ForPositive Pressure PS1200 ForVacuum PS1100 ForVacuum, Residual Pressure New New New New 220 Vacuum adjustment range CAT.NAS100-23B |
Número de pieza similar - PS1000-R06L |
|
Descripción similar - PS1000-R06L |