Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AH49F Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza AH49F
Descripción Electrónicos  LINEAR HALL EFFECT IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH49F Datasheet(HTML) 2 Page - Diodes Incorporated

  AH49F Datasheet HTML 1Page - Diodes Incorporated AH49F Datasheet HTML 2Page - Diodes Incorporated AH49F Datasheet HTML 3Page - Diodes Incorporated AH49F Datasheet HTML 4Page - Diodes Incorporated AH49F Datasheet HTML 5Page - Diodes Incorporated AH49F Datasheet HTML 6Page - Diodes Incorporated AH49F Datasheet HTML 7Page - Diodes Incorporated AH49F Datasheet HTML 8Page - Diodes Incorporated AH49F Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AH49F
Document number: DS36518
Rev. 2 - 2
2 of 12
www.diodes.com
June 2014
© Diodes Incorporated
AH49F
A Product Line of
Diodes Incorporated
Pin Descriptions
Package Type: TO-92S
Pin Number
Pin Name
Description
1
VCC
Power supply pin
2
GND
Ground pin
3
OUT
Output pin
Package Type: SC59
Pin Number
Pin Name
Description
1
VCC
Power supply pin
2
OUT
Output pin
3
GND
Ground pin
Package Type: U-DFN2020-6
Pin Number
Pin Name
Description
1
OUT
Output pin
2
NC
No connection (Note 4)
3
VCC
Power supply pin
4
NC
No connection (Note 4)
5
GND
Ground pin
6
NC
No connection (Note 4)
Pad
Pad
Center exposed pad is internally connected to GND. It can
be connected to GND or left open circuit on the PCB.
(Note 5)
Notes:
4. NC is “No Connection” pin and is not connected internally. This pin can be left open or tied to ground.
5. PAD is bottom side exposed pad;
Functional Block Diagram
Hall Sensor
Amplifier
65
mA
(Typical)
VCC
OUT
GND
1 (1) [3]
3 (2) [1]
2(3) [5]
A(B)[C]
A for TO-92S
B for SC59
C for U-DFN2020-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com