| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM4967 Datasheet(PDF) 1 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AM4967 Datasheet(HTML) 1 Page - Diodes Incorporated |
|
1 / 15 page ![]() ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR AM4967 Data Sheet 1 Oct. 2008 Rev. 1. 2 BCD Semiconductor Manufacturing Limited General Description The AM4967 is a single-coil, single-phase motor pre- driver designed by bipolar process. Its rotation speed can be controlled through an external PWM. This IC requires few external components and has the merit of high efficiency which make it suitable for use in great air volume, large current and high voltage applications. The AM4967 is available in SSOP-16 package. Features · Single-phase Full-wave Pre-drive · Rotation Speed Control via External PWM · Maximum Operating Current Limit · Linear Start Function for Reducing Large Current Impulse at the Moment of Turn-on · Minimum Rotation Speed Setting · Lock Protection and Auto Start Function · Rotation Speed Indication · Over Temperature Protection Application · CPU and OA (Office Automation) Cooler Fan · Brushless DC Motor Figure 1. Package Type of AM4967 SSOP-16 |
Número de pieza similar - AM4967 |
|
Descripción similar - AM4967 |