Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACT334US-T Datasheet(PDF) 2 Page - Active-Semi, Inc

No. de pieza ACT334US-T
Descripción Electrónicos  High Performance ActivePSRTM Primary Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACTIVE-SEMI [Active-Semi, Inc]
Página de inicio  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT334US-T Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT334US-T Datasheet HTML 1Page - Active-Semi, Inc ACT334US-T Datasheet HTML 2Page - Active-Semi, Inc ACT334US-T Datasheet HTML 3Page - Active-Semi, Inc ACT334US-T Datasheet HTML 4Page - Active-Semi, Inc ACT334US-T Datasheet HTML 5Page - Active-Semi, Inc ACT334US-T Datasheet HTML 6Page - Active-Semi, Inc ACT334US-T Datasheet HTML 7Page - Active-Semi, Inc ACT334US-T Datasheet HTML 8Page - Active-Semi, Inc ACT334US-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ACT334
Rev 2, 14-Nov-12
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
PIN CONFIGURATION
PIN DESCRIPTIONS
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
METHOD
TOP MARK
ACT334US-T
-40°C to 85°C
SOT23-6
6
TAPE & REEL
FSTA
NAME
DESCRIPTION
1
SW
Switch Drive. Switch node for the external NPN transistor. Connect this pin to the external
power NPN’s emitter. This pin also supplies current to VDD during startup.
2
GND
Ground.
3
BD
Base Drive. Base driver for the external NPN transistor.
4
VDD
Power Supply. This pin provides bias power for the IC during startup and steady state
operation.
5
FB
Feedback Pin. Connect this pin to a resistor divider network from the auxiliary winding.
6
CS
Current Sense Pin. Connect an external resistor (RCS) between this pin and ground to set
peak current limit for the primary switch. The peak current limit is set by (0.396V × 0.9) /
RCS. For more detailed information, see Application Information.
PIN
SOT23-6
ACT334US-T
ORDERING INFORMATION
Rev 2, 14-Nov-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12