| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SLPS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SLPS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 5 page ![]() SMD Shielded Power Inductors – SLPS Series SLPS Series Features Applications RoHS compliant Very low DCR; excellent current handling Compact inductors for power line, considerably smaller compared to inductors with comparable characteristics Low coil resistance, making them suitable for large currents Hard disk drives and DSCs NB, LCD TV, monitor Portable communication devices DC / DC converters, etc Product Identification Shape and Dimensions Recommended Pattern Dimensions in mm TYPE A B C D E SLPS4018 4.0±0.2 4.0±0.2 1.8Max 1.10Typ. 1.80Typ. SLPS4025 4.0±0.2 4.0±0.2 2.5Max 1.10Typ. 1.80Typ. SLPS5020 5.0±0.2 5.0±0.2 2.0Max 1.75Typ. 1.50Typ. Dimensions in mm TYPE A B C D SLPS4018 4.4 2.4 1.6 3.4 SLPS4025 4.4 2.4 1.6 3.4 SLPS5020 5.3 3.4 1.4 3.7 |
Número de pieza similar - SLPS |
|
Descripción similar - SLPS |