| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IO10PDB0V0 Datasheet(PDF) 23 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO10PDB0V0 Datasheet(HTML) 23 Page - Microsemi Corporation |
|
23 / 197 page ![]() SmartFusion Customizable System-on-Chip (cSoC) Re vi s i on 12 2 - 11 Table 2-11 • Summary of I/O Input Buffer Power (per pin) – Default I/O Software Settings Applicable to MSS I/O Banks VCCMSSIOBx (V) Static Power PDC7 (mW) Dynamic Power PAC9 (µW/MHz) Single-Ended 3.3 V LVTTL / 3.3 V LVCMOS 3.3 – 17.21 3.3 V LVCMOS / 3.3 V LVCMOS – Schmitt trigger 3.3 – 20.00 2.5 V LVCMOS 2.5 – 5.55 2.5 V LVCMOS – Schmitt trigger 2.5 – 7.03 1.8 V LVCMOS 1.8 – 2.61 1.8 V LVCMOS – Schmitt trigger 1.8 – 2.72 1.5 V LVCMOS (JESD8-11) 1.5 – 1.98 1.5 V LVCMOS (JESD8-11) – Schmitt trigger 1.5 – 1.93 Table 2-12 • Summary of I/O Output Buffer Power (per pin) – Default I/O Software Settings* Applicable to FPGA I/O Banks, I/O Assigned to EMC I/O Pins CLOAD (pF) VCCFPGAIOBx (V) Static Power PDC8 (mW) Dynamic Power PAC10 (µW/MHz) Single-Ended 3.3 V LVTTL / 3.3 V LVCMOS 35 3.3 – 475.66 2.5 V LVCMOS 35 2.5 – 270.50 1.8 V LVCMOS 35 1.8 – 152.17 1.5 V LVCMOS (JESD8-11) 35 1.5 – 104.44 3.3 V PCI 10 3.3 – 202.69 3.3 V PCI-X 10 3.3 – 202.69 Differential LVDS – 2.5 7.74 88.26 LVPECL – 3.3 19.54 164.99 Note: *Dynamic power consumption is given for standard load and software default drive strength and output slew. Table 2-13 • Summary of I/O Output Buffer Power (per pin) – Default I/O Software Settings Applicable to MSS I/O Banks CLOAD (pF) VCCMSSIOBx (V) Static Power PDC8 (mW)2 Dynamic Power PAC10 (µW/MHz)3 Single-Ended 3.3 V LVTTL / 3.3 V LVCMOS 10 3.3 – 155.65 2.5 V LVCMOS 10 2.5 – 88.23 1.8 V LVCMOS 10 1.8 – 45.03 1.5 V LVCMOS (JESD8-11) 10 1.5 – 31.01 |