| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ASMD100F Datasheet(PDF) 24 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ASMD100F Datasheet(HTML) 24 Page - Tyco Electronics |
|
24 / 26 page ![]() 196 RoHS Compliant, ELV Compliant 12 A0 1.95 ± 0.1 1.95 ± 0.1 3.5 ± 0.1 3.7 ± 0.1 3.7 ± 0.1 B0 3.50 +0.1/-0.08 3.5 ± 0.1 4.95 ± 0.1 4.9 ± 0.1 4.9 ± 0.1 K0 0.89 ± 0.1 1.27 ± 0.1 0.9 ± 0.1 1.4 ± 0.1 1.78 ± 0.1 Table A9 Tape and Reel Specifications for nanoASMDC/miniASMDC Automotive Devices (in Millimeters) miniASMDC150F/24 miniASMDC075F/24 miniASMDC110F/24 miniASMDC260F/16 miniASMDC010F~050F miniASMDC110F/16 miniASMDC125F/16 miniASMDC150F/16 nanoASMDC012F nanoASMDC016F nanoASMDC020F nanoASMDC035F Description A max. 185 185 330 N min. 50 50 50 W1 8.4 + 1.5/-.00 12.4 + 2.0/-.00 16.4 + 2.0/-.00 W2 max. 14.4 18.4 22.4 Table A10 Reel Dimensions for AHS/ASMD/nanoASMDC/microASMD/miniASMDC Automotive Devices (in Millimeters) AHS ASMD miniASMDC nanoASMDC microASMD Description P 0 E 1 E 2 F W P 2 D 0 A 0 B 0 P 1 B 1 T 1 K 0 T Cover tape Embossment Center lines of cavity A Cover tape Embossed cavity Carrier tape N (hub dia.) W 2 (measured at hub) W 1 (measured at hub) Figure A28 EIA Referenced Taped Component Dimensions for AHS/ASMD/nanoASMDC/microASMD/miniASMDC Automotive Devices Figure A29 EIA Referenced Reel Dimensions for AHS/ASMD/nanoASMDC/microASMD/miniASMDC Automotive Devices |