Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NPT1015 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

No. de pieza NPT1015
Descripción Electrónicos  Gallium Nitride 28V, 45W, DC-3.5 GHz HEMT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT1015 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button NPT1015 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Page 6
NPT1015
NDS-035 Rev. 2, 121213
Typical Performance in 2.5 GHz Narrowband Circuit
(CW, VDS=28V, IDQ=400mA, f=2.5GHz, TC=25C, unless otherwise noted)
Figure 10: 2-Tone IMD3 vs. POUT vs. IDQ
(1MHz Tone Spacing)
Figure 12: 2-Tone IMD vs. POUT
(1MHz Tone Spacing)
Figure 11: 2-Tone Gain vs. POUT vs. IDQ
(1MHz Tone Spacing)
12.0
12.5
13.0
13.5
14.0
14.5
15.0
0.1
1
10
100
200mA
300mA
400mA
600mA
800mA
P
OUT (W-PEP)
-50
-45
-40
-35
-30
-25
-20
-15
0.1
1
10
100
200mA
300mA
400mA
600mA
800mA
P
OUT (W-PEP)
-55
-50
-45
-40
-35
-30
-25
-20
0.1
1
10
100
-IMD3
+IMD3
-IMD5
+IMD5
-IMD7
+IMD7
P
OUT (W-PEP)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com