Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M4201 Datasheet(PDF) 2 Page - Alpha Wire

No. de pieza M4201
Descripción Electrónicos  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALPHAWIRE [Alpha Wire]
Página de inicio  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M4201 Datasheet(HTML) 2 Page - Alpha Wire

  M4201 Datasheet HTML 1Page - Alpha Wire M4201 Datasheet HTML 2Page - Alpha Wire M4201 Datasheet HTML 3Page - Alpha Wire M4201 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Physical & Mechanical Properties
1) Temperature Range
-40 to 60°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
61 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
3700 VRMS
2) Characteristic Impedance
52 +/- 2
3) Inductance
0.079 µH/ft, Nominal
4) Ground Capacitance
28.5 pf/ft @1 kHz, Nominal
5) Velocity of Propagation
66 %
6) Conductor DCR
1.9 /1000ft @20°C, Nominal
7) OA Shield DCR
1.2 /1000ft @20\°C, Nominal
8) Voltage Withstanding
10 kV, Minimum
9) Corona Extinction
5 kV, Minimum
10) Attenuation, Nom dB/100ft
0.2 @ 1 MHz
0.6 @ 10 MHz
1.3 @ 50 MHz
1.9 @ 100 MHz
2.8 @ 200 MHz
4.2 @ 400 MHz
5.9 @ 700 MHz
6.9 @ 900 MHz
7.4 @ 1 GHz
Other
1) Packaging
a) 1000 FT
b) 500 FT
c) 100 FT
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not
ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties, whether express, statutory or
implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever,
even if Alpha had been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out
of or in connection with the use, or inability to use, the information or specifications described herein.
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com